Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2204APN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2204APN
Description  X4 SRAM Nonvolatile Controller Unit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2204APN Datasheet(HTML) 5 Page - Texas Instruments

  BQ2204APN Datasheet HTML 1Page - Texas Instruments BQ2204APN Datasheet HTML 2Page - Texas Instruments BQ2204APN Datasheet HTML 3Page - Texas Instruments BQ2204APN Datasheet HTML 4Page - Texas Instruments BQ2204APN Datasheet HTML 5Page - Texas Instruments BQ2204APN Datasheet HTML 6Page - Texas Instruments BQ2204APN Datasheet HTML 7Page - Texas Instruments BQ2204APN Datasheet HTML 8Page - Texas Instruments BQ2204APN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
DC Electrical Characteristics (TA =TOPR,VCC =5V ± 10%)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions/Notes
ILI
Input leakage current
-
-
± 1
µAVIN =VSS to VCC
VOH
Output high voltage
2.4
-
-
V
IOH = -2.0mA
VOHB
VOH, BC supply
VBC - 0.3
-
-
V
VBC >VCC,IOH = -10µA
VOL
Output low voltage
-
-
0.4
V
IOL = 4.0mA
ICC
Operating supply current
-
3
6
mA
No load on outputs.
VPFD
Power-fail detect voltage
4.55
4.62
4.75
V
THS = VSS
4.30
4.37
4.50
V
THS = VCC
VSO
Supply switch-over voltage
-
VBC
-V
ICCDR
Data-retention mode
current
-
-
100
nA
VOUT data-retention current
to additional memory not in-
cluded.
VBC
Active backup cell
voltage
-VBC1
-V
VBC1 >VBC2 +VBSO
-VBC2
-V
VBC2 >VBC1 +VBSO
VBSO
Battery switch-over voltage
0.25
0.4
0.6
V
IOUT1
VOUT current
-
-
160
mA
VOUT >VCC - 0.3V
IOUT2
VOUT current
-
100
-
µA
VOUT >VBC - 0.2V
Note:
Typical values indicate operation at TA = 25°C, VCC =5VorVBC.
Capacitance (TA = 25°C, F = 1MHz, VCC = 5.0V)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions
CIN
Input capacitance
-
-
8
pF
Input voltage = 0V
COUT
Output capacitance
-
-
10
pF
Output voltage = 0V
Note:
This parameter is sampled and not 100% tested.
Dec. 1992 B
bq2204A


Similar Part No. - BQ2204APN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2204APN TI-BQ2204APN Datasheet
77Kb / 12P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2204APNN TI-BQ2204APNN Datasheet
77Kb / 12P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
More results

Similar Description - BQ2204APN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2204A TI-BQ2204A Datasheet
77Kb / 12P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2201 TI-BQ2201 Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201 TI1-BQ2201_08 Datasheet
303Kb / 15P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com