Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2204ASNTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2204ASNTR
Description  X4 SRAM Nonvolatile Controller Unit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2204ASNTR Datasheet(HTML) 2 Page - Texas Instruments

  BQ2204ASNTR Datasheet HTML 1Page - Texas Instruments BQ2204ASNTR Datasheet HTML 2Page - Texas Instruments BQ2204ASNTR Datasheet HTML 3Page - Texas Instruments BQ2204ASNTR Datasheet HTML 4Page - Texas Instruments BQ2204ASNTR Datasheet HTML 5Page - Texas Instruments BQ2204ASNTR Datasheet HTML 6Page - Texas Instruments BQ2204ASNTR Datasheet HTML 7Page - Texas Instruments BQ2204ASNTR Datasheet HTML 8Page - Texas Instruments BQ2204ASNTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
As the supply continues to fall past VPFD, an internal
switching device forces VOUT to one of the two external
backup energy sources.
CECON1 through CECON4 are
held high by the VOUT energy source.
During power-up, VOUT is switched back to the 5V sup-
ply as VCC rises above the backup cell input voltage
sourcing VOUT. Outputs CECON1 through CECON4 are
held inactive for time tCER (120ms maximum) after the
power supply has reached VPFD, independent of the CE
input, to allow for processor stabilization.
During power-valid operation, the CE input is passed
through to one of the four CECON outputs with a propa-
gation delay of less than 10ns. The CE input is output
on one of the four CECON output pins depending on the
level of the decode inputs at A and B as shown in the
Truth Table.
The A and B inputs are usually tied to high-order ad-
dress pins so that a large nonvolatile memory can be de-
signed using lower-density memory devices. Nonvolatility
and decoding are achieved by hardware hookup as shown
in Figure 1.
2
bq2204A
FG220401.eps
CE
BC2
THS
VSS
VOUT
bq2204A
VCC
CE
CMOS
SRAM
VCC
5V
From Address
Decoder
CECON2
BC1
CECON1
VCC
CE
CMOS
SRAM
3V
Primary
Cell
3V
Primary
Cell
B
A
VCC
CE
CMOS
SRAM
VCC
CE
CMOS
SRAM
CECON3
CECON4
Figure 1. Hardware Hookup (5% Supply Operation)
Dec. 1992 B


Similar Part No. - BQ2204ASNTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2204ASN TI-BQ2204ASN Datasheet
77Kb / 12P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2204ASNN TI-BQ2204ASNN Datasheet
77Kb / 12P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
More results

Similar Description - BQ2204ASNTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2204A TI-BQ2204A Datasheet
77Kb / 12P
[Old version datasheet]   X4 SRAM Nonvolatile Controller Unit
BQ2201 TI-BQ2201 Datasheet
107Kb / 12P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
BQ2201 TI1-BQ2201_08 Datasheet
303Kb / 15P
[Old version datasheet]   SRAM Nonvolatile Controller Unit
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Texas Instruments
BQ4016 TI-BQ4016 Datasheet
858Kb / 11P
[Old version datasheet]   1024Kx8 Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1245YL MAXIM-DS1245YL Datasheet
322Kb / 9P
   1024K Nonvolatile SRAM
021998
logo
ARTSCHIP ELECTRONICS CO...
DS1220Y ARTSCHIP-DS1220Y Datasheet
258Kb / 7P
   16K Nonvolatile SRAM
logo
Texas Instruments
BQ4010 TI-BQ4010 Datasheet
758Kb / 14P
[Old version datasheet]   8Kx8 Nonvolatile SRAM
logo
Dallas Semiconductor
DS1250BL DALLAS-DS1250BL Datasheet
181Kb / 9P
   4096K Nonvolatile SRAM
logo
Texas Instruments
BQ4015 TI-BQ4015_07 Datasheet
543Kb / 15P
[Old version datasheet]   512Kx8 Nonvolatile SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com