Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8802EEEVL Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME8802EEEVL
Description  300mA CMOS LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8802EEEVL Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME8802EEEVL Datasheet HTML 4Page - Analog Microelectronics AME8802EEEVL Datasheet HTML 5Page - Analog Microelectronics AME8802EEEVL Datasheet HTML 6Page - Analog Microelectronics AME8802EEEVL Datasheet HTML 7Page - Analog Microelectronics AME8802EEEVL Datasheet HTML 8Page - Analog Microelectronics AME8802EEEVL Datasheet HTML 9Page - Analog Microelectronics AME8802EEEVL Datasheet HTML 10Page - Analog Microelectronics AME8802EEEVL Datasheet HTML 11Page - Analog Microelectronics AME8802EEEVL Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AME
8
300mA CMOS LDO
AME8802
Rev.K.02
The AME8802 family of CMOS regulators contain a
PMOS pass transistor, voltage reference, error amplifier,
over-current protection, thermal shutdown, and power
good function.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error ampli-
fier compares the output voltage to a precision reference.
Over-current and Thermal shutdown circuits become ac-
tive when the junction temperature exceeds 150oC, or
the current exceeds 300mA. During thermal shutdown,
the output voltage remains low. Normal operation is re-
stored when the junction temperature drops below 120oC.
The AME8802 switches from voltage mode to current
mode when the load exceeds the rated output current.
This prevents over-stress. The AME8802 also incorpo-
rates current foldback to reduce power dissipation when
the output is short circuited. This feature becomes ac-
tive when the output drops below 0.8volts, and reduces
the current flow by 65%. Full current is restored when
the voltage exceeds 0.8 volts.
The Enable pin normally floats high. When actively,
pulled low, the PMOS pass transistor shuts off, and all
internal circuits are powered down. In this state, the qui-
escent current is less than 1
µA. This pin behaves much
like an electronic switch.
n Detailed Description
n External Capacitors
n Enable
n Power Good
The AME8802 includes the Power Good feature. When
the output is not within +15% of the specified voltage, it
pulls low. This can occur under the following conditions:
1) Input Voltage too low.
2) During Over-Temperature.
3) During Over-Current.
4) If output is pulled up.
(Note: PG pin is an open-drain output.)
The AME8802 is stable with an output capacitor to
ground of 2.2
µF or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Con-
versely, Aluminum Electrolytic capacitors exhibit the high-
est ESR, resulting in the poorest AC response. Unfortu-
nately, large value ceramic capacitors are comparatively
expensive. One option is to parallel a 0.1
µF ceramic
capacitor with a 10
µF Aluminum Electrolytic. The benefit
is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the in-
put and ground to stabilize Vin. The input capacitor should
be at least 0.1
µF to have a beneficial effect.
All capacitors should be placed in close proximity to
the pins. A "Quiet" ground termination is desirable. This
can be achieved with a "Star" connection.


Similar Part No. - AME8802EEEVL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8802EEEV AME-AME8802EEEV Datasheet
90Kb / 11P
   300mA CMOS LDO
More results

Similar Description - AME8802EEEVL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com