Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26500PWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26500PWRG4
Description  SINGLE-CELL LI-ION AND LI-POL BATTERY
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26500PWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  BQ26500PWRG4 Datasheet HTML 1Page - Texas Instruments BQ26500PWRG4 Datasheet HTML 2Page - Texas Instruments BQ26500PWRG4 Datasheet HTML 3Page - Texas Instruments BQ26500PWRG4 Datasheet HTML 4Page - Texas Instruments BQ26500PWRG4 Datasheet HTML 5Page - Texas Instruments BQ26500PWRG4 Datasheet HTML 6Page - Texas Instruments BQ26500PWRG4 Datasheet HTML 7Page - Texas Instruments BQ26500PWRG4 Datasheet HTML 8Page - Texas Instruments BQ26500PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
bq26500
SLUS567A − JUNE, 2003 − REVISED OCTOBER 2003
3
www.ti.com
ELECTRICAL CHARACTERISTICS(continued)
TJ = −20°C to 70°C, TJ = TA, 2.6 V ≤ VCC ≤ 4.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TIME MEASUREMENT
fOSC
Internal oscillator frequency
−3.5%
+1.0%
+2.5%
fOSC
Internal oscillator frequency
TA = 0°C to 50°C
−2.5%
+1.0%
+2.5%
CAPACITY MEASUREMENT
Voltage-to-frequency converter offset
15
µV
Voltage-to-frequency converter gain
variabilty(3)
1%
Voltage-to-frequency input
(VSRP − VSRN)
−100
100
mV
EEPROM PROGRAMMING (VCC ≥ 3.0 V, 20°C ≤ TA ≤ 35°C)(1)
tRISE
Programming voltage rise time
1
tPROG
Programming voltage high time
VPROG = 21 V
20
100
ms
tFALL
Programming voltage fall time
1
ms
VPROG
Programming voltage
Applied to GPIO pin
20
22
V
IPROG
EEPROM programming current
Current into GPIO pin
3
mA
IO PORT (GPIO) AND SERIAL INTERFACE (HDQ)
VIH
High-level input voltage
1.9
VIL
Low-level input voltage
0.7
V
VOL
GPIO low-level output voltage
IOL = 0.3 mA
0.4
V
VOL
HDQ low-level output voltage
IOL = 2 mA
0.4
IHDQPD
HDQ internal pull-down current
3
µA
STANDARD SERIAL COMMUNICATION (HDQ) TIMING(2)
t(B)
Break timing
190
t(BR)
Break recovery time
40
t(CYCH)
Host bit window timing
190
t(HW1)
Host sends 1 time
17
50
t(HW0)
Host sends 0 time
100
145
µs
t(RSPS)
bq26500 to host response time
190
320
µs
t(CYCD)
bq26500 bit window timing
190
260
t(DW1)
bq26500 sends 1 time
32
50
t(DW0)
bq26500 sends 0 time
80
145
(1) Maximum number of programming cycles on the EEPROM is 10 and data retention time is 10 years at TA=85°C
(2) See Figure 1.
(3) Not a production tested parameter.
The following timing diagrams describe break and break recovery timing (a), host transmitted bit timing (b),
bq26500 transmitted bit timing (c), and bq26500 to host response timing (d).


Similar Part No. - BQ26500PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26500PW TI-BQ26500PW Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
More results

Similar Description - BQ26500PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24040 TI1-BQ24040_16 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ24045 TI1-BQ24045 Datasheet
1Mb / 35P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger With Auto Start
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000_07 Datasheet
695Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
AnaSem Hong Kong Limite...
A7B ANASEM-A7B Datasheet
223Kb / 23P
   Single-cell Li-ion / Li-polymer Battery Protection IC
Rev. E09-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com