Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8801PEEVL Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8801PEEVL
Description  300mA CMOS LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8801PEEVL Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8801PEEVL Datasheet HTML 1Page - Analog Microelectronics AME8801PEEVL Datasheet HTML 2Page - Analog Microelectronics AME8801PEEVL Datasheet HTML 3Page - Analog Microelectronics AME8801PEEVL Datasheet HTML 4Page - Analog Microelectronics AME8801PEEVL Datasheet HTML 5Page - Analog Microelectronics AME8801PEEVL Datasheet HTML 6Page - Analog Microelectronics AME8801PEEVL Datasheet HTML 7Page - Analog Microelectronics AME8801PEEVL Datasheet HTML 8Page - Analog Microelectronics AME8801PEEVL Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AME
5
AME8801 / 8812 / 8840
300mA CMOS LDO
Rev.S.02
n Ordering Information (contd.)
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME8801GEEV
ACFww
3.5V
SOT-25
- 40
oC to +85oC
AME8801GEEVL
ACFww
3.5V
TSOT-25
- 40
oC to +85oC
AME8801GEEVZ
ACFww
3.5V
SOT-25
- 40
oC to +85oC
AME8801GEEVY
ACFww
3.5V
TSOT-25
- 40
oC to +85oC
AME8801HEEV
AEGww
2.7V
SOT-25
- 40
oC to +85oC
AME8801HEEVL
AEGww
2.7V
TSOT-25
- 40
oC to +85oC
AME8801HEEVZ
AEGww
2.7V
SOT-25
- 40
oC to +85oC
AME8801HEEVY
AEGww
2.7V
TSOT-25
- 40
oC to +85oC
AME8801IEEV
AEOww
3.4V
SOT-25
- 40
oC to +85oC
AME8801IEEVL
AEOww
3.4V
TSOT-25
- 40
oC to +85oC
AME8801IEEVZ
AEOww
3.4V
SOT-25
- 40
oC to +85oC
AME8801IEEVY
AEOww
3.4V
TSOT-25
- 40
oC to +85oC
AME8801JEEV
AGQww
2.85V
SOT-25
- 40
oC to +85oC
AME8801JEEVL
AGQww
2.85V
TSOT-25
- 40
oC to +85oC
AME8801JEEVZ
AGQww
2.85V
SOT-25
- 40
oC to +85oC
AME8801JEEVY
AGQww
2.85V
TSOT-25
- 40
oC to +85oC
AME8801KEEV
AHSww
3.7V
SOT-25
- 40
oC to +85oC
AME8801KEEVL
AHSww
3.7V
TSOT-25
- 40
oC to +85oC
AME8801KEEVZ
AHSww
3.7V
SOT-25
- 40
oC to +85oC
AME8801KEEVY
AHSww
3.7V
TSOT-25
- 40
oC to +85oC
AME8801LEEV
AJOww
1.5V
SOT-25
- 40
oC to +85oC
AME8801LEEVL
AJOww
1.5V
TSOT-25
- 40
oC to +85oC
AME8801LEEVZ
AJOww
1.5V
SOT-25
- 40
oC to +85oC
AME8801LEEVY
AJOww
1.5V
TSOT-25
- 40
oC to +85oC
AME8801MEEV
AJPww
1.8V
SOT-25
- 40
oC to +85oC
AME8801MEEVL
AJPww
1.8V
TSOT-25
- 40
oC to +85oC
AME8801MEEVZ
AJPww
1.8V
SOT-25
- 40
oC to +85oC
AME8801MEEVY
AJPww
1.8V
TSOT-25
- 40
oC to +85oC
AME8801NEEV
AKOww
2.9V
SOT-25
- 40
oC to +85oC
AME8801NEEVL
AKOww
2.9V
TSOT-25
- 40
oC to +85oC
AME8801NEEVZ
AKOww
2.9V
SOT-25
- 40
oC to +85oC


Similar Part No. - AME8801PEEVL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8801AEEV AME-AME8801AEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8801BEEV AME-AME8801BEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8801CEEV AME-AME8801CEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
AME8801CEEVZ ETC2-AME8801CEEVZ Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
More results

Similar Description - AME8801PEEVL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com