Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8802FEEVL Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME8802FEEVL
Description  300mA CMOS LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8802FEEVL Datasheet(HTML) 2 Page - Analog Microelectronics

  AME8802FEEVL Datasheet HTML 1Page - Analog Microelectronics AME8802FEEVL Datasheet HTML 2Page - Analog Microelectronics AME8802FEEVL Datasheet HTML 3Page - Analog Microelectronics AME8802FEEVL Datasheet HTML 4Page - Analog Microelectronics AME8802FEEVL Datasheet HTML 5Page - Analog Microelectronics AME8802FEEVL Datasheet HTML 6Page - Analog Microelectronics AME8802FEEVL Datasheet HTML 7Page - Analog Microelectronics AME8802FEEVL Datasheet HTML 8Page - Analog Microelectronics AME8802FEEVL Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AME
2
300mA CMOS LDO
AME8802
Rev.K.02
n Pin Configuration
AME8802
1. V
IN
2. GND
3. EN
4. PG
5. V
OUT
* Die Attach:
Conductive Epoxy
n Ordering Information
SOT-25
Top View
1
3
2
5
4
AME8802
Operating Ambient Temperature Range
Number of Pins
Package Type
Product Grade or Option
Special Feature
AME8802 x x x x x
A: 3.3V
1: 1.3V
E: -40OC to +85 OC
E: SO T-2X
V: 5
L: Low P rofile
B: 3.0V
2: 2.0V
Y: Lead Free & Low P rofile
C: 2.8V
3: 4.2V
Z: Lead Free
D: 2.5V
4: 4.0V
E: 3.8V
F: 3.6V
G: 3.5V
H: 2.7V
I: 3.4V
J: 2.85V
K: 3.7V
L: 1.5V
M: 1.8V
N: 2.9V
O: 3.1V
P: 4.1V
Q: 4.75V
R: 2.65V
S: 5.0V
U: 3.2V
V: 3.15V
W: 2.3V
Y: 1.9V
Z: 1.7V
P roduc t Grade
or Op tion
Spe cia l F ea ture
Ope rating A mbient
Te mpe rature
Range
Pa ckage Type
Nu mber
of
P ins


Similar Part No. - AME8802FEEVL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8802FEEV AME-AME8802FEEV Datasheet
90Kb / 11P
   300mA CMOS LDO
More results

Similar Description - AME8802FEEVL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com