Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8803KEEYL Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8803KEEYL
Description  300mA CMOS LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8803KEEYL Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8803KEEYL Datasheet HTML 5Page - Analog Microelectronics AME8803KEEYL Datasheet HTML 6Page - Analog Microelectronics AME8803KEEYL Datasheet HTML 7Page - Analog Microelectronics AME8803KEEYL Datasheet HTML 8Page - Analog Microelectronics AME8803KEEYL Datasheet HTML 9Page - Analog Microelectronics AME8803KEEYL Datasheet HTML 10Page - Analog Microelectronics AME8803KEEYL Datasheet HTML 11Page - Analog Microelectronics AME8803KEEYL Datasheet HTML 12Page - Analog Microelectronics AME8803KEEYL Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AME
9
AME8803 / 8814
300mA CMOS LDO
Rev.I.02
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.2V<=VO(NOM)<=2.0V
1300
2.0V<VO(NOM)<=2.8V
400
2.8V<VO(NOM)
300
Output Current
IO
300
mA
Current Limit
ILIM
300
450
mA
Short Circuit Current
ISC
150
300
mA
Quiescent Current
IQ
30
50
µA
Ground Pin Current
IGND
35
µA
1.2V <= VO <= 1.4V
-0.2
0.2
1.4V < VO <= 2.0V
-0.15
0.15
2.0V< VO < 4.0V
-0.1
0.02
0.1
4.0V <= Vo
-0.4
0.2
0.4
Load Regulation
REGLOAD
-1
0.2
1
%
Over Temperature Shutdown
OTS
150
oC
Over Temperature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
f=1kHz
50
f=10kHz
20
f=100kHz
15
VEH
2.0
Vin
V
VEL
0
0.4
V
IEH
0.1
µA
IEL
0.5
µA
Shutdown Supply Current
ISD
0.5
1
µA
Shutdown Output Voltage
VO,SD
0
0.4
V
85
75
115
125
PG Leakage Current
ILC
1
µA
PG Voltage Rating
VPG
7
V
PG Voltage Low
VOL
0.4
V
dB
PSRR
Output Under Voltage
VUV
%VO(NOM)
30
IO=0.4mA, VEN<VEL
VEN=0V, VIN=2.7V to 7V
ISINK=0.4mA
Dropout Voltage
VDROPOUT
Output Over Voltage
VOV
Line Regulation
REGLINE
VO in regulation
VPG=7V
1.2V <= VO(NOM) < 2.5V
%VO(NOM)
µVrms
EN Input Threshold
EN Input Bias Current
f=10Hz to 100kHz
IO=10mA
Co=2.2
µF
1.2V <= VO(NOM) < 2.5V
2.5V <= VO(NOM) <= 5.0V
2.5V <= VO(NOM) <= 5.0V
VIN=5V, VO=0V, VEN<VEL
Power Supply Rejection
IO=100mA
CO=2.2
µF
Output Voltage Noise
eN
VIN=2.7V to 7V
VEN=VIN, VIN=2.7V to 7V
VIN=2.7V to 7V
IO=1mA to 300mA
VO>1.2V
VO<0.8V
IO=0mA
IO=1mA to 300mA
IO=1mA
VIN=VO+1 to VO+2
Test Condition
IO=1mA
%
See
chart
mV
VO>1.2V
IO=300mA
VO=VO(NOM) -2.0%
n Electrical Specifications
TA = 25OC unless otherwise noted
Note1: V
IN(MIN)=VOUT+VDROPOUT
Note2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage must be
applied before a current source load is applied.


Similar Part No. - AME8803KEEYL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8803KEEY AME-AME8803KEEY Datasheet
117Kb / 13P
   300mA CMOS LDO
More results

Similar Description - AME8803KEEYL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com