Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8802UEEVL Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME8802UEEVL
Description  300mA CMOS LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8802UEEVL Datasheet(HTML) 3 Page - Analog Microelectronics

  AME8802UEEVL Datasheet HTML 1Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 2Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 3Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 4Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 5Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 6Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 7Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 8Page - Analog Microelectronics AME8802UEEVL Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AME
3
AME8802
300mA CMOS LDO
Rev.K.02
n Ordering Information
Note: ww represents the date code and pls refer to Date Code Rule before Package Dimension.
* A line on top of the first character represents lead free plating such as AAKww.
Please consult AME sales office or authorized Rep./Distributor for output voltage and package type availability.
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME8802AEEV
AAKww
3.3V
SOT-25
- 40
oC to +85oC
AME8802AEEVL
AAKww
3.3V
TSOT-25
- 40
oC to +85oC
AME8802AEEVY
AAKww
3.3V
TSOT-25
- 40
oC to +85oC
AME8802AEEVZ
AAKww
3.3V
SOT-25
- 40
oC to +85oC
AME8802BEEV
AALww
3.0V
SOT-25
- 40
oC to +85oC
AME8802BEEVL
AALww
3.0V
TSOT-25
- 40
oC to +85oC
AME8802BEEVY
AALww
3.0V
TSOT-25
- 40
oC to +85oC
AME8802BEEVZ
AALww
3.0V
SOT-25
- 40
oC to +85oC
AME8802CEEV
AAMww
2.8V
SOT-25
- 40
oC to +85oC
AME8802CEEVL
AAMww
2.8V
TSOT-25
- 40
oC to +85oC
AME8802CEEVY
AAMww
2.8V
TSOT-25
- 40
oC to +85oC
AME8802CEEVZ
AAMww
2.8V
SOT-25
- 40
oC to +85oC
AME8802DEEV
AANww
2.5V
SOT-25
- 40
oC to +85oC
AME8802DEEVL
AANww
2.5V
TSOT-25
- 40
oC to +85oC
AME8802DEEVY
AANww
2.5V
TSOT-25
- 40
oC to +85oC
AME8802DEEVZ
AANww
2.5V
SOT-25
- 40
oC to +85oC
AME8802EEEV
AAOww
3.8V
SOT-25
- 40
oC to +85oC
AME8802EEEVL
AAOww
3.8V
TSOT-25
- 40
oC to +85oC
AME8802EEEVY
AAOww
3.8V
TSOT-25
- 40
oC to +85oC
AME8802EEEVZ
AAOww
3.8V
SOT-25
- 40
oC to +85oC
AME8802FEEV
ABPww
3.6V
SOT-25
- 40
oC to +85oC
AME8802FEEVL
ABPww
3.6V
TSOT-25
- 40
oC to +85oC
AME8802FEEVY
ABPww
3.6V
TSOT-25
- 40
oC to +85oC
AME8802FEEVZ
ABPww
3.6V
SOT-25
- 40
oC to +85oC


Similar Part No. - AME8802UEEVL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8802UEEV AME-AME8802UEEV Datasheet
90Kb / 11P
   300mA CMOS LDO
More results

Similar Description - AME8802UEEVL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com