Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC351IDBG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDC351IDBG4
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC351IDBG4 Datasheet(HTML) 4 Page - Texas Instruments

  CDC351IDBG4 Datasheet HTML 1Page - Texas Instruments CDC351IDBG4 Datasheet HTML 2Page - Texas Instruments CDC351IDBG4 Datasheet HTML 3Page - Texas Instruments CDC351IDBG4 Datasheet HTML 4Page - Texas Instruments CDC351IDBG4 Datasheet HTML 5Page - Texas Instruments CDC351IDBG4 Datasheet HTML 6Page - Texas Instruments CDC351IDBG4 Datasheet HTML 7Page - Texas Instruments CDC351IDBG4 Datasheet HTML 8Page - Texas Instruments CDC351IDBG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
CDC351. CDC351I
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
SCAS441D – FEBRUARY 1994 – REVISED OCTOBER 2003
SWITICHING CHARACTERISTICS
C
L = 50 pF (see Figure 1 and Figure 2)
VCC = 3 V to 3.6 V,
VCC = 3 V to 3.6 V,
VCC = 3.3 V, TA = 25°C
FROM
TO
TA = 0°C to 70°C
TA = -40°C to 85°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
3.2
3.7
4.2
A
Y
ns
tPHL
3
3.5
4
tPZH
1.8
3.8
5.5
1.3
5.9
1.1
6.1
OE
Y
ns
tPZL
1.8
3.8
5.5
1.3
5.9
1.1
6.1
tPHZ
1.8
3.9
5.9
1.7
6.3
1.5
6.5
OE
Y
ns
tPLZ
1.8
4.2
5.9
1.7
6.4
1.5
6.6
tsk(o)
A
Y
0.3
0.5
0.5
0.6
ns
tsk(p)
A
Y
0.2
0.8
0.8
0.9
ns
tsk(pr)
A
Y
1
1
1.1
ns
tr
A
Y
1.5
1.5
ns
tf
A
Y
1.5
1.5
ns
SWITCHING CHARACTERISTICS TEMPERATURE AND VCC COEFFICIENTS
over recommended operating free-air temperature and V
CC range (1)
FROM
TO
PARAMETER
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
Average temperature coefficient of low to high propagation
§tPLH(T)
A
Y
65 (2)
ps/10
°C
delay
Average temperature coefficient of high to low propagation
§tPHL(T)
A
Y
45 (2)
ps/10
°C
delay
§tPLH(VCC)
Average VCC coefficient of low to high propagation delay
A
Y
–140 (3)
ps/ 100 mV
§tPHL(VCC)
Average VCC coefficient of high to low propagation delay
A
Y
–120 (3)
ps/ 100 mV
(1)
These data were extracted from characterization material and are not tested at the factory.
(2)
§tPLH(T) and §tPHL(T) are virtually independent of VCC.
(3)
§tPLH(VCC) and §tPHL(VCC) are virtually independent of temperature.
4


Similar Part No. - CDC351IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC351 TI-CDC351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DB TI-CDC351DB Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DW TI-CDC351DW Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC351IDBG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
   1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351 TI-CDC351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI-CDC208 Datasheet
160Kb / 10P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208_15 TI-CDC208_15_15 Datasheet
826Kb / 16P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI1-CDC208_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com