Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7611PG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7611PG4
Description  12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7611PG4 Datasheet(HTML) 2 Page - Texas Instruments

  DAC7611PG4 Datasheet HTML 1Page - Texas Instruments DAC7611PG4 Datasheet HTML 2Page - Texas Instruments DAC7611PG4 Datasheet HTML 3Page - Texas Instruments DAC7611PG4 Datasheet HTML 4Page - Texas Instruments DAC7611PG4 Datasheet HTML 5Page - Texas Instruments DAC7611PG4 Datasheet HTML 6Page - Texas Instruments DAC7611PG4 Datasheet HTML 7Page - Texas Instruments DAC7611PG4 Datasheet HTML 8Page - Texas Instruments DAC7611PG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
®
2
DAC7611
SPECIFICATIONS
ELECTRICAL
At TA = –40°C to +85°C, and VDD = +5V, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
DAC7611P, U
DAC7611PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Resolution
12
T
Bits
Relative Accuracy(1)
–2
±1/2
+2
–1
±1/4
+1
LSB
Differential Nonlinearity
Guaranteed Monotonic
–1
±1/2
+1
–1
±1/4
+1
LSB
Zero-Scale Error
Code 000H
–1
+1
+3
TT
T
LSB
Full Scale Voltage
Code FFFH
4.079
4.095
4.111
4.087
4.095
4.103
V
ANALOG OUTPUT
Output Current
Code 800H
±5
±7
TT
mA
Load Regulation
RLOAD ≥ 402Ω, Code 800H
13
TT
LSB
Capacitive Load
No Oscillation
500
T
pF
Short Circuit Current
±70
T
mA
Short Circuit Duration
GND or VDD
Indefinite
T
DIGITAL INPUT
Data Format
Serial
T
Data Coding
Straight Binary
T
Logic Family
TTL
T
Logic Levels
VIH
2.4
T
V
VIL
0.8
T
V
IIH
±10
T
µA
IIL
±10
T
µA
DYNAMIC PERFORMANCE
Settling Time(2) (tS)
To
±1 LSB of Final Value
7
T
µs
DAC Glitch
15
T
nV-s
Digital Feedthrough
2
T
nV-s
POWER SUPPLY
VDD
+4.75
+5.0
+5.25
TT
T
V
IDD
VIH = 5V, VIL = 0V, No Load, at Code 000H
0.5
1
TT
mA
Power Dissipation
VIH = 5V, VIL = 0V, No Load
2.5
5
TT
mW
Power Supply Sensitivity
∆V
DD = ±5%
0.001
0.004
TT
%/%
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
T Same specification as for DAC7611P, U.
NOTES: (1) This term is sometimes referred to as Linearity Error or Integral Nonlinearity (INL). (2) Specification does not apply to negative-going transitions where
the final output voltage will be within 3 LSBs of ground. In this region, settling time may be double the value indicated.


Similar Part No. - DAC7611PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7611P BURR-BROWN-DAC7611P Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7611PB BURR-BROWN-DAC7611PB Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7611PG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com