Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26C32ATMX Datasheet(PDF) 4 Page - Texas Instruments

Part # DS26C32ATMX
Description  DS26C32AT/DS26C32AM Quad Differential Line Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS26C32ATMX Datasheet(HTML) 4 Page - Texas Instruments

  DS26C32ATMX Datasheet HTML 1Page - Texas Instruments DS26C32ATMX Datasheet HTML 2Page - Texas Instruments DS26C32ATMX Datasheet HTML 3Page - Texas Instruments DS26C32ATMX Datasheet HTML 4Page - Texas Instruments DS26C32ATMX Datasheet HTML 5Page - Texas Instruments DS26C32ATMX Datasheet HTML 6Page - Texas Instruments DS26C32ATMX Datasheet HTML 7Page - Texas Instruments DS26C32ATMX Datasheet HTML 8Page - Texas Instruments DS26C32ATMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS26C32AM, DS26C32AT
SNLS382C – JUNE 1998 – REVISED APRIL 2013
www.ti.com
DC Electrical Characteristics (continued)
VCC = 5V ±10% (unless otherwise specified)
(1)
Parameter
Test Conditions
Min
Typ
Max
Units
IOZ
Maximum TRI-STATE
V OUT = VCC or GND,
±0.5
±5.0
μA
Output Leakage Current
ENABLE = VIL,
ENABLE = VIH
II
Maximum Enable Input
V IN = VCC or GND
±1.0
μA
Current
ICC
Quiescent Power
VCC = Max,
DS26C32AT
16
23
mA
Supply Current
VDIF = +1V
DS26C32AM
16
25
mA
VHYST
Input Hysteresis
V CM = 0V
60
mV
AC Electrical Characteristics
VCC = 5V ±10%
(1)
Max
Parameter
Test Conditions
Min
Typ
Units
DS26C32AT
DS26C32AM
tPLH,
Propagation Delay
CL = 50 pF
10
19
30
35
ns
tPHL
Input to Output
VDIFF = 2.5V
VCM = 0V
tRISE,
Output Rise and
CL = 50 pF
4
9
9
ns
tFALL
Fall Times
VDIFF = 2.5V
VCM = 0V
tPLZ,
Propagation Delay
CL = 50 pF
13
22
29
ns
tPHZ
ENABLE to Output
RL = 1000Ω
VDIFF = 2.5V
tPZL,
Propagation Delay
CL = 50 pF
13
23
29
ns
tPZH
ENABLE to Output
RL = 1000Ω
VDIFF = 2.5V
(1)
Unless otherwise specified, Min/Max limits apply over recommended operating conditions. All typicals are given for VCC = 5V and TA =
25°C.
Comparison Table of Switching Characteristics into “LS-Type” Load
(Figure 6, Figure 7, and Figure 8)
(1)
DS26C32A
DS26LS32A
Parameter
Test Conditions
Units
Typ
Typ
tPLH
Input to Output
CL = 15 pF
17
23
ns
tPHL
19
23
ns
tLZ
ENABLE to Output
CL = 5 pF
13
15
ns
tHZ
12
20
ns
tZL
ENABLE to Output
CL = 15 pF
13
14
ns
tZH
13
15
ns
(1)
This table is provided for comparison purposes only. The values in this table for the DS26C32A reflect the performance of the device,
but are not tested.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS26C32AM DS26C32AT


Similar Part No. - DS26C32ATMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26C32ATM NSC-DS26C32ATM Datasheet
311Kb / 11P
   Quad Differential Line Receiver
More results

Similar Description - DS26C32ATMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26C32AM TI1-DS26C32AM Datasheet
607Kb / 13P
[Old version datasheet]   DS26C32AT/DS26C32AM Quad Differential Line Receiver
logo
National Semiconductor ...
DS26F32C NSC-DS26F32C Datasheet
140Kb / 6P
   Quad Differential Line Receiver
DS26C32AT NSC-DS26C32AT Datasheet
311Kb / 11P
   Quad Differential Line Receiver
logo
Texas Instruments
DS26C32AMQML TI1-DS26C32AMQML Datasheet
410Kb / 16P
[Old version datasheet]   DS26C32AMQML Quad Differential Line Receiver
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
   Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
[Old version datasheet]   Quad CMOS Differential Line Receiver
DS26C32AMQML TI1-DS26C32AMQML_16 Datasheet
618Kb / 16P
[Old version datasheet]   DS26C32AMQML Quad Differential Line Receiver
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
   Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com