Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC80P-CBI-V Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC80P-CBI-V
Description  Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC80P-CBI-V Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC80P-CBI-V Datasheet HTML 2Page - Texas Instruments DAC80P-CBI-V Datasheet HTML 3Page - Texas Instruments DAC80P-CBI-V Datasheet HTML 4Page - Texas Instruments DAC80P-CBI-V Datasheet HTML 5Page - Texas Instruments DAC80P-CBI-V Datasheet HTML 6Page - Texas Instruments DAC80P-CBI-V Datasheet HTML 7Page - Texas Instruments DAC80P-CBI-V Datasheet HTML 8Page - Texas Instruments DAC80P-CBI-V Datasheet HTML 9Page - Texas Instruments DAC80P-CBI-V Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
®
DAC80/80P
(pin 16) for specified operation. This reference may be used
externally also, but external current drain is limited to
2.5mA.
If a varying load is to be driven, an external buffer amplifier
is recommended to drive the load in order to isolate bipolar
offset from load variations. Gain and bipolar offset adjust-
ments should be made under constant load conditions.
LOGIC INPUT COMPATIBILITY
DAC80 digital inputs are TTL, LSTTL and 4000B,
54/74HC CMOS compatible. The input switching threshold
remains at the TTL threshold over the entire supply range.
Logic “0” input current over temperature is low enough to
permit driving DAC80 directly from outputs of 4000B and
54/74C CMOS devices.
OPERATING INSTRUCTIONS
POWER SUPPLY CONNECTIONS
Connect power supply voltages as shown in Figure 3. For
optimum performance and noise rejection, power supply
decoupling capacitors should be added as shown. These
capacitors (1
µF tantalum) should be located close to the
DAC80.
±12V OPERATION
All DAC80 models can operate over the entire power supply
range of
±11.4V to ±16.5V. Even with supply levels drop-
ping to
±11.4V, the DAC80 can swing a full ±10V range,
provided the load current is limited to
±2.5mA. With power
supplies greater than
±12V, the DAC80 output can be loaded
up to
±5mA. For output swing of ±5V or less, the output
current is
±5mA, minimum, over the entire V
CC range.
No bleed resistor is needed from +V
CC to pin 24, as was
needed with prior hybrid Z versions of DAC80. Existing
±12V applications that are being converted to the monolithic
DAC80 must omit the resistor to pin 24 to insure proper
operation.
EXTERNAL OFFSET AND GAIN ADJUSTMENT
Offset and gain may be trimmed by installing external Offset
and Gain potentiometers. Connect these potentiometers as
shown in Figure 3 and adjust as described below. TCR of the
potentiometers should be 100ppm/
°C or less. The 3.9MΩ
and 10M
Ω resistors (20% carbon or better) should be lo-
cated close to the DAC80 to prevent noise pickup. If it is not
convenient to use these high value resistors, an equivalent
“T” network, as shown in Figure 4, may be substituted.
FIGURE 2. Power Supply Rejection vs Power Supply Ripple.
FIGURE 3. Power Supply and External Adjustment Connection Diagrams.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Reference
Control
Circuit
12-Bit
Resistor
Ladder
Network
and
Current
Switches
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Reference
Control
Circuit
12-Bit
Resistor
Ladder
Network
and
Current
Switches
Voltage Output Models
Current Output Models
5k
5k
6.3k
2k
3k
6.3k
5k
3.9M
1µF
0.01µF
10k
to
100k
10k
to
100k
+V
CC
–V
CC
+V
CC
–V
CC
10M
3.9M
0.01µF
10k
to
100k
10k
to
100k
+V
CC
–V
CC
+V
CC
–V
CC
10M
1µF
1µF
1µF
1
10
100
1k
10k
100k
0.1
0.01
0.001
0.0001
Power Supply Ripple Frequency (Hz)
+V
CC
–V
CC


Similar Part No. - DAC80P-CBI-V

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC80P-CBI-V BURR-BROWN-DAC80P-CBI-V Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80P-CBI-V-BI BURR-BROWN-DAC80P-CBI-V-BI Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - DAC80P-CBI-V

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7800 TI-DAC7800 Datasheet
273Kb / 17P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800 Datasheet
180Kb / 12P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HZ12BGC MURATA-PS-DAC-HZ12BGC Datasheet
97Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
List of Unclassifed Man...
DAC-HZ ETC-DAC-HZ Datasheet
96Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com