Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9583301Q2A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9583301Q2A
Description  DS90C031QML LVDS Quad CMOS Differential Line Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9583301Q2A Datasheet(HTML) 3 Page - Texas Instruments

  5962-9583301Q2A Datasheet HTML 1Page - Texas Instruments 5962-9583301Q2A Datasheet HTML 2Page - Texas Instruments 5962-9583301Q2A Datasheet HTML 3Page - Texas Instruments 5962-9583301Q2A Datasheet HTML 4Page - Texas Instruments 5962-9583301Q2A Datasheet HTML 5Page - Texas Instruments 5962-9583301Q2A Datasheet HTML 6Page - Texas Instruments 5962-9583301Q2A Datasheet HTML 7Page - Texas Instruments 5962-9583301Q2A Datasheet HTML 8Page - Texas Instruments 5962-9583301Q2A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DS90C031QML
www.ti.com
SNLS202B – MARCH 2006 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)
−0.3V to +6V
Input Voltage (DI)
−0.3V to (VCC + 0.3V)
Enable Input Voltage (EN, EN*)
−0.3V to (VCC + 0.3V)
Output Voltage (DO+, DO−)
−0.3V to + 5.8V
Storage Temperature Range
−65°C ≤ TA ≤ +150°C
Lead Temperature Range,
Soldering (4 seconds)
+260°C
Maximum Package Power Dissipation at +25°C (2)
20 Pin LCCC Package
1900 mW
16 Pin CLGA (NAD)
1450 mW
16 Pin CLGA (NAC)
1450 mW
Thermal Resistance
θJA
20 Pin LCCC Package
78°C/W
16 Pin CLGA (NAD)
145°C/W
16 Pin CLGA (NAC)
145°C/W
θJC
20 Pin LCCC Package
18°C/W
16 Pin CLGA (NAD)
14°C/W
16 Pin CLGA (NAC)
14°C/W
ESD Rating (3)
3.5KV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(2)
Derate LCCC at 12.8mW/°C above +25°C. Derate CLGA at 6.9mW/°C above +25°C.
(3)
Human body model, 1.5 k
Ω in series with 100 pF.
Recommended Operating Conditions
Min
Typ
Max
Unit
Supply Voltage (VCC)
+4.5
+5.0
+5.5
V
Operating Free Air Temperature (TA)
−55
+25
+125
°C
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS90C031QML


Similar Part No. - 5962-9583301Q2A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5962-95833 NSC-5962-95833 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
More results

Similar Description - 5962-9583301Q2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML Datasheet
369Kb / 20P
[Old version datasheet]   DS90C031QML LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031BTMX TI1-DS90C031BTMX Datasheet
1Mb / 19P
[Old version datasheet]   DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031BTMX TI-DS90C031BTMX Datasheet
1,007Kb / 19P
[Old version datasheet]   DS90C031B LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com