Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90LV028ATMX Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV028ATMX
Description  DS90LV028A 3V LVDS Dual CMOS Differential Line Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV028ATMX Datasheet(HTML) 5 Page - Texas Instruments

  DS90LV028ATMX Datasheet HTML 1Page - Texas Instruments DS90LV028ATMX Datasheet HTML 2Page - Texas Instruments DS90LV028ATMX Datasheet HTML 3Page - Texas Instruments DS90LV028ATMX Datasheet HTML 4Page - Texas Instruments DS90LV028ATMX Datasheet HTML 5Page - Texas Instruments DS90LV028ATMX Datasheet HTML 6Page - Texas Instruments DS90LV028ATMX Datasheet HTML 7Page - Texas Instruments DS90LV028ATMX Datasheet HTML 8Page - Texas Instruments DS90LV028ATMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DS90LV028A
www.ti.com
SNLS013E – JUNE 1998 – REVISED APRIL 2013
APPLICATION INFORMATION
General application guidelines and hints for LVDS drivers and receivers may be found in the following application
notes: LVDS Owner's Manual (SNLA187), AN-808 (SNLA028), AN-977 (SNLA166), AN-971 (SNLA165), AN-916
(SNLA219), AN-805 (SNOA233), AN-903 (SNLA034).
LVDS drivers and receivers are intended to be primarily used in an uncomplicated point-to-point configuration as
is shown in Figure 5. This configuration provides a clean signaling environment for the fast edge rates of the
drivers. The receiver is connected to the driver through a balanced media which may be a standard twisted pair
cable, a parallel pair cable, or simply PCB traces. Typically the characteristic impedance of the media is in the
range of 100
Ω. A termination resistor of 100Ω should be selected to match the media, and is located as close to
the receiver input pins as possible. The termination resistor converts the driver output (current mode) into a
voltage that is detected by the receiver. Other configurations are possible such as a multi-receiver configuration,
but the effects of a mid-stream connector(s), cable stub(s), and other impedance discontinuities as well as
ground shifting, noise margin limits, and total termination loading must be taken into account.
The DS90LV028A differential line receiver is capable of detecting signals as low as 100 mV, over a ±1V
common-mode range centered around +1.2V. This is related to the driver offset voltage which is typically +1.2V.
The driven signal is centered around this voltage and may shift ±1V around this center point. The ±1V shifting
may be the result of a ground potential difference between the driver's ground reference and the receiver's
ground reference, the common-mode effects of coupled noise, or a combination of the two. The AC parameters
of both receiver input pins are optimized for a recommended operating input voltage range of 0V to +2.4V
(measured from each pin to ground). The device will operate for receiver input voltages up to VCC, but exceeding
VCC will turn on the ESD protection circuitry which will clamp the bus voltages.
POWER DECOUPLING RECOMMENDATIONS
Bypass capacitors must be used on power pins. Use high frequency ceramic (surface mount is recommended)
0.1
μF and 0.01μF capacitors in parallel at the power supply pin with the smallest value capacitor closest to the
device supply pin. Additional scattered capacitors over the printed circuit board will improve decoupling. Multiple
vias should be used to connect the decoupling capacitors to the power planes. A 10
μF (35V) or greater solid
tantalum capacitor should be connected at the power entry point on the printed circuit board between the supply
and ground.
PC BOARD CONSIDERATIONS
Use at least 4 PCB board layers (top to bottom): LVDS signals, ground, power, TTL signals.
Isolate TTL signals from LVDS signals, otherwise the TTL signals may couple onto the LVDS lines. It is best to
put TTL and LVDS signals on different layers which are isolated by a power/ground plane(s).
Keep drivers and receivers as close to the (LVDS port side) connectors as possible.
For PC board considerations for the WSON package, please refer to application note AN-1187 “Leadless
Leadframe Package” (SNOA401) It is important to note that to optimize signal integrity (minimize jitter and noise
coupling), the WSON thermal land pad, which is a metal (normally copper) rectangular region located under the
package as seen in Figure 6, should be attached to ground and match the dimensions of the exposed pad on the
PCB (1:1 ratio).
Figure 6. WSON Thermal Land Pad and Pin Pads
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS90LV028A


Similar Part No. - DS90LV028ATMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV028ATM NSC-DS90LV028ATM Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028ATM NSC-DS90LV028ATM Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results

Similar Description - DS90LV028ATMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV028A-Q1 TI-DS90LV028A-Q1 Datasheet
884Kb / 20P
[Old version datasheet]   DS90LV028A-Q1 Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com