Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1200480A40 Datasheet(PDF) 2 Page - Crydom Inc.,

Part # LR1200480A40
Description  PCB Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

LR1200480A40 Datasheet(HTML) 2 Page - Crydom Inc.,

  LR1200480A40 Datasheet HTML 1Page - Crydom Inc., LR1200480A40 Datasheet HTML 2Page - Crydom Inc., LR1200480A40 Datasheet HTML 3Page - Crydom Inc., LR1200480A40 Datasheet HTML 4Page - Crydom Inc., LR1200480A40 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT SPECIFICATIONS (1)
Description
No Suffix
-120
-240
Control Voltage Range
4-32 VDC
90-140 V
180-260 V
Must Turn On Voltage
4.0 VDC
90 VAC
180 VAC
Must Turn Off Voltage
1.0 VDC
10 VAC
10 VAC
Typical Input Current (5)(6)
9 mAdc
15
11
Maximum Turn-On Time [msec] (4)
1/2 Cycle
10.0
10.0
Maximum Turn-Off Time [msec]
1/2 Cycle
40.0
40.0
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
2500 Vrms
Minimum Insulation Resistance (@ 500 VDC)
109 Ohm
Maximum Capacitance, Input/Output
8.0 pF
Ambient Operating Temperature Range
-30 to 80°C
Ambient Storage Temperature Range
-30 to 125°C
Weight (typical)
0.5 oz. (14.4g)
Encapsulation
Thermally Conductive Epoxy
GENERAL NOTES
1) All parameters at 25°C and per section unless otherwise specified.
2) Dielectric and insulation resistance are measured between input and output
3) Off-State dv/dt test method per EIA/NARM standard RS-443, paragraph 13.11.1
4) Turn-on time for random Switching models is 0.1 ms.
5) DC Input circuitry incorporates active current limiter.
6) Use suffix-120 for 120 VAC control and -240 for 240VAC control
MECHANICAL SPECIFICATIONS


Similar Part No. - LR1200480A40

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
LR1200480A40-120 CRYDOM-LR1200480A40-120 Datasheet
621Kb / 5P
   PCB Mount
LR1200480A40-240 CRYDOM-LR1200480A40-240 Datasheet
621Kb / 5P
   PCB Mount
LR1200480A40R-120 CRYDOM-LR1200480A40R-120 Datasheet
621Kb / 5P
   PCB Mount
LR1200480A40R-240 CRYDOM-LR1200480A40R-240 Datasheet
621Kb / 5P
   PCB Mount
More results

Similar Description - LR1200480A40

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX240D5 CRYDOM-CX240D5_12 Datasheet
744Kb / 5P
   PCB Mount
logo
DB Lectro Inc
7D DBLECTRO-7D Datasheet
775Kb / 2P
   PCB Mount
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
   PCB Mount
DO061A CRYDOM-DO061A_11 Datasheet
536Kb / 4P
   PCB Mount
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
   PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
   PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
   PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
   PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
   PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
   PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
   PCB Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com