Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV8032 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MV8032
Description  SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MV8032 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MV8032 Datasheet HTML 1Page - Fairchild Semiconductor MV8032 Datasheet HTML 2Page - Fairchild Semiconductor MV8032 Datasheet HTML 3Page - Fairchild Semiconductor MV8032 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IF - DC FORWARD CURRENT (mA)
Fig. 2 Relative Luminous Intensity vs. DC Forward Current
2.5
2.0
1.5
1.0
0.5
0.0
0
1020
30
4050
100
90
80
70
60
50
40
30
20
10
0
1.0
1.5
2.0
2.5
3.0
VF - FORWARD VOLTAGE (V)
Fig. 1 Forward Current vs. Forward Voltage
TYPICAL PERFORMANCE CURVES
2 of 4
1/6/00
300021A
SUPER BRIGHT T-1 3/4 (5 mm)
LED LAMP - Water Clear
Part Number
MV8031
MV8032
MV8033
Condition
Luminous Intensity (mcd)
IF = 20mA
Minimum
400
630
1000
Typical
600
940
1500
Forward Voltage (V)
IF = 20mA
Maximum
2.8
2.8
2.8
Typical
2.1
2.1
2.1
Peak Wavelength (nm)
640
640
640
IF = 20mA
Spectral Line Half Width (nm)
20
20
20
IF = 20mA
Viewing Angle (°)30
30
30
IF = 20mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
SUPER RED
MV803X
MV8031 MV8032
MV8033


Similar Part No. - MV8032

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV8003 FAIRCHILD-MV8003 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8004 FAIRCHILD-MV8004 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8005 FAIRCHILD-MV8005 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV800X FAIRCHILD-MV800X Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8013 FAIRCHILD-MV8013 Datasheet
128Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
More results

Similar Description - MV8032

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV8111 FAIRCHILD-MV8111 Datasheet
142Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8713 FAIRCHILD-MV8713 Datasheet
128Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8803 FAIRCHILD-MV8803 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8G01 FAIRCHILD-MV8G01 Datasheet
130Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
QT Optoelectronics
MV841X QT-MV841X Datasheet
117Kb / 3P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
Fairchild Semiconductor
MV8R01 FAIRCHILD-MV8R01 Datasheet
140Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8303 FAIRCHILD-MV8303 Datasheet
125Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8041 FAIRCHILD-MV8041 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8313 FAIRCHILD-MV8313 Datasheet
127Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8703 FAIRCHILD-MV8703 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8731 FAIRCHILD-MV8731 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com