Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3H7Y0J000F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC3H7Y0J000F
Description  Mini-flat Half Pitch Package, General Purpose Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H7Y0J000F Datasheet(HTML) 1 Page - Sharp Corporation

  PC3H7Y0J000F Datasheet HTML 1Page - Sharp Corporation PC3H7Y0J000F Datasheet HTML 2Page - Sharp Corporation PC3H7Y0J000F Datasheet HTML 3Page - Sharp Corporation PC3H7Y0J000F Datasheet HTML 4Page - Sharp Corporation PC3H7Y0J000F Datasheet HTML 5Page - Sharp Corporation PC3H7Y0J000F Datasheet HTML 6Page - Sharp Corporation PC3H7Y0J000F Datasheet HTML 7Page - Sharp Corporation PC3H7Y0J000F Datasheet HTML 8Page - Sharp Corporation PC3H7Y0J000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC3H7)
2. Approved by VDE, DIN EN60747-5-2
(∗) (as an
option), file No. 40009162 (as model No. PC3H7)
3. Package resin : UL flammability grade (94V-0)
(∗)DIN EN60747-5-2 : successor standard of DIN VDE0884
■ Features
■ Agency approvals/Compliance
1. Programmable controllers
■ Applications
Mini-flat Half Pitch Package,
General Purpose
Photocoupler
1. 4-pin Mini-flat Half pitch package (Lead pitch :
1.27mm)
2. Double transfer mold package (Ideal for Flow
Soldering)
3. High collector-emitter voltage (VCEO : 80V)
4. Current transfer ratio (CTR : MIN. 20% at IF=1mA,
VCE=5V)
5. Several CTR ranks available
6. Isolation voltage between input and output (Viso(rms) :
2.5kV)
7. Lead-free and RoHS directive compliant
■ Description
PC3H7J00000F Series contains an IRED optically
coupled to a phototransistor.
It is packaged in a 4-pin Mini-flat package, Half ptich
type.
Input-output isolation voltage(rms) is 2.5kV.
Collector-emitter voltage is 80V and CTR is 20% to
400% at input current of 1mA.
1
Sheet No.: D2-A01902EN
Date Jun. 30. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC3H7J00000F
Series
4-channel package type is also available.
(model No. PC3Q67J0000F)
PC3H7J00000F Series


Similar Part No. - PC3H7Y0J000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H7Y0J000F SHARP-PC3H7Y0J000F Datasheet
194Kb / 13P
   Mini-flat Half Pitch Package, General Purpose Photocoupler
More results

Similar Description - PC3H7Y0J000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC354M1J000F SHARP-PC354M1J000F Datasheet
194Kb / 13P
   Mini-flat Half Pitch Package, General Purpose Photocoupler
PC3Q67QJ000F SHARP-PC3Q67QJ000F Datasheet
224Kb / 13P
   Mini-flat Half Pitch 4-channel Package, General Purpose Photocoupler
PC357N4J000F SHARP-PC357N4J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N2TJ00F SHARP-PC357N2TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N2J000F SHARP-PC357N2J000F Datasheet
204Kb / 14P
   Mini-flat Package,General Purpose Photocoupler
PC357N2 SHARP-PC357N2 Datasheet
194Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N1J000F SHARP-PC357N1J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N SHARP-PC357N_03 Datasheet
219Kb / 14P
   Mini-flat Package General Purpose Photocoupler
PC357N9J000F SHARP-PC357N9J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N3J000F SHARP-PC357N3J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com