Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8801AEEYZ Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME8801AEEYZ
Description  300mA CMOS LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8801AEEYZ Datasheet(HTML) 2 Page - Analog Microelectronics

  AME8801AEEYZ Datasheet HTML 1Page - Analog Microelectronics AME8801AEEYZ Datasheet HTML 2Page - Analog Microelectronics AME8801AEEYZ Datasheet HTML 3Page - Analog Microelectronics AME8801AEEYZ Datasheet HTML 4Page - Analog Microelectronics AME8801AEEYZ Datasheet HTML 5Page - Analog Microelectronics AME8801AEEYZ Datasheet HTML 6Page - Analog Microelectronics AME8801AEEYZ Datasheet HTML 7Page - Analog Microelectronics AME8801AEEYZ Datasheet HTML 8Page - Analog Microelectronics AME8801AEEYZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AME
2
300mA CMOS LDO
AME8801 / 8812 / 8840
Rev.S.02
n Pin Configuration
AME8801
1. IN
2. GND
3. EN
4. BYP
5. OUT
* Die Attach:
Conductive Epoxy
SOT-25/TSOT-25
Top View
SOT-25/TSOT-25
Top View
SOT-25/TSOT-25
Top View
SOT-26/TSOT-26
Top View
AME8801
1. OUT1
2. GND
3. BYP
4. EN
5. IN
6. OUT2
AME8812
1. EN
2. GND
3. IN
4. OUT
5. BYP
* Die Attach:
Conductive Epoxy
AME8840
1. EN
2. GND
3. BYP
4. OUT
5. IN
* Die Attach:
Conductive Epoxy
1
3
2
5
4
AME8812
1
3
2
5
4
AME8840
1
3
2
6
4
5
AME8801
1
3
2
5
4
AME8801
* Die Attach:
Non-Conductive Epoxy
n Pin Description
Pin Name
Pin Description
IN
Input voltage pin.
It should be decoupled with 1
µF or greater capacitor.
GND
Ground connection pin.
EN
Enable pin.
When pulled low, the PMOS pass transistor turns off, current consuming less
than 1µA.
BYP
Bypass capacitor connection.
To improve AC ripple rejection, connect a capacitor to GND.
This will also provide a soft-start function.
OUT
LDO voltage regulator output pin.
It should be decoupled with a 1µF or greater value low ESR ceramic capacitor.


Similar Part No. - AME8801AEEYZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8801AEEV AME-AME8801AEEV Datasheet
114Kb / 14P
   300mA CMOS LDO
More results

Similar Description - AME8801AEEYZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com