Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV8112 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MV8112
Description  SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MV8112 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MV8112 Datasheet HTML 1Page - Fairchild Semiconductor MV8112 Datasheet HTML 2Page - Fairchild Semiconductor MV8112 Datasheet HTML 3Page - Fairchild Semiconductor MV8112 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 of 4
2/17/00
300037A
Fig. 3 Relative Intensity vs. Peak Wavelength
1.0
0.5
0
550
600
650
700
WAVELENGTH (nm)
TA - AMBIENT TEMPERATURE (˚C)
Fig. 5 Current Derating Curve
50
40
30
20
10
0
0
20
40
60
85
100
REL. LUMINOUS INTENSITY (%)
Fig. 4 Radiation Diagram
0
20406080
100
0
20
40
60
80
100
90˚
80˚
70˚
60˚
50˚
40˚
30˚
20˚
10˚
-10˚
-20˚
-30˚
-40˚
-50˚
-60˚
-70˚
-80˚
-90˚
SUPER BRIGHT T-1 3/4 (5 mm)
LED LAMP - Water Clear
SUPER RED
MV811X
MV8111 MV8112
MV8113 MV8114


Similar Part No. - MV8112

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV8102 QT-MV8102 Datasheet
209Kb / 3P
   SUPER BRIGHT T-1 3/4 (5mm) LED LAMPS
logo
Fairchild Semiconductor
MV8102 FAIRCHILD-MV8102 Datasheet
232Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
logo
QT Optoelectronics
MV8103 QT-MV8103 Datasheet
209Kb / 3P
   SUPER BRIGHT T-1 3/4 (5mm) LED LAMPS
logo
Fairchild Semiconductor
MV8103 FAIRCHILD-MV8103 Datasheet
232Kb / 4P
   SUPER BRIGHT T-1쩐 (5mm) LED LAMPS
logo
QT Optoelectronics
MV8104 QT-MV8104 Datasheet
209Kb / 3P
   SUPER BRIGHT T-1 3/4 (5mm) LED LAMPS
More results

Similar Description - MV8112

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV8713 FAIRCHILD-MV8713 Datasheet
128Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8803 FAIRCHILD-MV8803 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8G01 FAIRCHILD-MV8G01 Datasheet
130Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
QT Optoelectronics
MV841X QT-MV841X Datasheet
117Kb / 3P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
Fairchild Semiconductor
MV8R01 FAIRCHILD-MV8R01 Datasheet
140Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8303 FAIRCHILD-MV8303 Datasheet
125Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8041 FAIRCHILD-MV8041 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8313 FAIRCHILD-MV8313 Datasheet
127Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8703 FAIRCHILD-MV8703 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8731 FAIRCHILD-MV8731 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com