Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV8303 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MV8303
Description  SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MV8303 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MV8303 Datasheet HTML 1Page - Fairchild Semiconductor MV8303 Datasheet HTML 2Page - Fairchild Semiconductor MV8303 Datasheet HTML 3Page - Fairchild Semiconductor MV8303 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0.040 (1.02)
0.200 (5.08)
0.180 (4.57)
0.050 (1.27)
REF.
0.100 (2.54)
0.350 (8.89)
0.330 (8.38)
1.00 (25.4)
MIN
C
L
0.100 (2.54)
REF.
Ø 0.230 (5.84)
0.023 (0.58)
0.017 (0.43)
SQ. TYP. (2X)
0.050 (1.27)
FLAT DENOTES
CATHODE
SUPER BRIGHT T-1 3/4 (5 mm)
LED LAMP - Water Clear
1 of 4
11/29/99
300005A
PACKAGE DIMENSIONS
FEATURES
• Popular T-1 3/4 package
• Super high brightness suitable for outdoor
applications
• Solid state reliability
• Water clear optics
• Standard 100 mil. lead spacing
Parameter
Symbol
Rating
Unit
Operating Temperature
TOPR
-40 to +100
°C
Storage Temperature
TSTG
-40 to +100
°C
Lead Soldering Time
TSOL
260 for 5 sec
°C
Continuous Forward Current
IF
30
mA
Peak Forward Current
IF
160
mA
(f = 1.0 KHz, Duty Factor = 1/10)
Reverse Voltage
VR
5V
Power Dissipation
PD
85
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
NOTES:
1. Dimensions for all drawings are in inches (mm).
2. Lead spacing is measured where the leads emerge from
the package.
3. Protruded resin under the flange is 1.5 mm (0.059") max.
SUPER YELLOW
MV830X
MV8303 MV8304
MV8305 MV8306
DESCRIPTION
This T-1 3/4 super bright LED has a moderate viewing angle of
20° for concentrated light output. The MV830X series is made
with an AllnGaP LED that emits yellow light at 590 nm. It is encap-
sulated in a water clear epoxy lens package.


Similar Part No. - MV8303

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV8303 QT-MV8303 Datasheet
96Kb / 3P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
More results

Similar Description - MV8303

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV8111 FAIRCHILD-MV8111 Datasheet
142Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8713 FAIRCHILD-MV8713 Datasheet
128Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8803 FAIRCHILD-MV8803 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8G01 FAIRCHILD-MV8G01 Datasheet
130Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
QT Optoelectronics
MV841X QT-MV841X Datasheet
117Kb / 3P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
logo
Fairchild Semiconductor
MV8R01 FAIRCHILD-MV8R01 Datasheet
140Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8041 FAIRCHILD-MV8041 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8313 FAIRCHILD-MV8313 Datasheet
127Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8703 FAIRCHILD-MV8703 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
MV8731 FAIRCHILD-MV8731 Datasheet
126Kb / 4P
   SUPER BRIGHT T-1 3/4 (5 mm) LED LAMP - Water Clear
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com