Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP240D3 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # MP240D3
Description  PCB Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

MP240D3 Datasheet(HTML) 1 Page - Crydom Inc.,

  MP240D3 Datasheet HTML 1Page - Crydom Inc., MP240D3 Datasheet HTML 2Page - Crydom Inc., MP240D3 Datasheet HTML 3Page - Crydom Inc., MP240D3 Datasheet HTML 4Page - Crydom Inc., MP240D3 Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MP Series
• SIP SSR
• Ratings to 4A @ 280 VAC or 3A @ 60 VDC
• Triac (AC) or Transistor (DC) output
• DC Control
• Normally open (AC or DC) or normally closed output (DC only)
• CE Compliant to EN60950-1
PRODUCT SELECTION
Control Voltage
3A
3A
4A
3A
3-32 VDC
MP120D3
MP240D3
MP240D4
MPDCD3
AVAILABLE OPTIONS
AC OUTPUT SPECIFICATIONS (1)
Description
MP120D3
MP240D3
MP240D4
Operating Voltage (47-63Hz) [Vrms]
12-140
24-280
24-280
Transient Overvoltage [Vpk]
400
600
600
Maximum Off-State Leakage Current @ Rated Voltage [mArms]
5
5
5
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (2)
200
200
200
Maximum Load Current [Arms]
3
3
4
Minimum Load Current [Arms]
0.02
0.02
0.02
Maximum Surge Current (16.6ms) [Apk]
90
90
130
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.6
1.6
1.6
Maximum I²t for fusing (8.3 msec) [A² sec]
36
36
72
Minimum Power Factor (with Maximum Load)
0.5
0.5
0.5
DC OUTPUT SPECIFICATIONS (1)
Description
MPDCD3
Operating Voltage Range [VDC]
3-60
Maximum Load Current [Arms]
3
Minimum Load Current [Arms]
0.02
Maximum Surge Current for 1 second [Adc]
5
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.5
Maximum Off-State Leakage Current @ Rated Voltage [mA]
1.0


Similar Part No. - MP240D3

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MP240D3 CRYDOM-MP240D3 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
MP240D3 CRYDOM-MP240D3 Datasheet
588Kb / 5P
   PCB Mount
MP240D3-B CRYDOM-MP240D3-B Datasheet
588Kb / 5P
   PCB Mount
More results

Similar Description - MP240D3

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX240D5 CRYDOM-CX240D5_12 Datasheet
744Kb / 5P
   PCB Mount
logo
DB Lectro Inc
7D DBLECTRO-7D Datasheet
775Kb / 2P
   PCB Mount
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
   PCB Mount
DO061A CRYDOM-DO061A_11 Datasheet
536Kb / 4P
   PCB Mount
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
   PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
   PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
   PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
   PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
   PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
   PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
   PCB Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com