Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8804AEEVL Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8804AEEVL
Description  300mA CMOS LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8804AEEVL Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8804AEEVL Datasheet HTML 2Page - Analog Microelectronics AME8804AEEVL Datasheet HTML 3Page - Analog Microelectronics AME8804AEEVL Datasheet HTML 4Page - Analog Microelectronics AME8804AEEVL Datasheet HTML 5Page - Analog Microelectronics AME8804AEEVL Datasheet HTML 6Page - Analog Microelectronics AME8804AEEVL Datasheet HTML 7Page - Analog Microelectronics AME8804AEEVL Datasheet HTML 8Page - Analog Microelectronics AME8804AEEVL Datasheet HTML 9Page - Analog Microelectronics AME8804AEEVL Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AME
6
300mA CMOS LDO
AME8804
Rev.K.04
Parameter
Symbol
Min
Typ Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.5V<VO(NOM)<=2.0V
1300
Dropout Voltage
VDROPOUT
2.0V<VO(NOM)<=2.8V
400
2.8V<VO(NOM)<3.8V
300
Output Current
IO
300
mA
Current Limit
ILIM
300
450
mA
Short Circuit Current, Note2
ISC
150
300
mA
Ground Pin Current
IGND
35
µA
VO < 2.0V
0.15
%
VO >= 2.0V
0.02
0.1
%
Load Regulation
REGLOAD
0.2
1
%
Over Temperature Shutdown
OTS
150
oC
Over Temperature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
f=100Hz
60
PSRR
f=1kHz
50
dB
f=10kHz
20
ADJ Input Bias Current
IADJ
1
µA
ADJ Reference Voltage
VREF
1.2
1.215 1.23
V
VEH
2.0
Vin
V
VEL
0
0.4
V
IEH
0.1
µA
IEL
0.5
µA
Shutdown Supply Current
ISD
0.5
1
µA
Shutdown Output Voltage
VO,SD
0
0.1
V
Output Under Voltage
VUV
85
%VO(NOM)
Output Over Voltage
VOV
115
%VO(NOM)
PG Leakage Current
ILC
1
µA
PG Voltage Rating
VPG
7
V
PG Voltage Low
VOL
0.4
V
ISINK=0.4mA
Co=2.2
µF
30
VPG=7V
VO in regulation
IO=35µA,VEN<VEL
µVrms
VIN=5V, VO=0V, VEN<VEL
EN Input Threshold
VIN=2.7V to 7V
VIN=2.7V to 7V
EN Input Bias Current
VEN=VIN, VIN=2.7V to 7V
VEN=0V, VIN=2.7V to 7V
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA,CBYP=0µF
Power Supply Rejection
IO=100mA
CO=2.2µF
Line Regulation
REGLINE
IO=5mA
VIN=VO+1 to VO+2
IO=1mA to 300mA
VO>1.2V
VO<0.8V
IO=1mA to 300mA
IO=300mA
VO=VO(NOM) -2.0%
See
chart
mV
VO>1.2V
Test Condition
IO=1mA
n Electrical Specifications
TA = 25OC, V
IN=5V unless otherwise noted
Note1: V
IN(MIN)=VOUT+VDROPOUT
Note2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage must be
applied before a current source load is applied.


Similar Part No. - AME8804AEEVL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804AEEV AME-AME8804AEEV Datasheet
97Kb / 12P
   300mA CMOS LDO
More results

Similar Description - AME8804AEEVL

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com