Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ODC5MA Datasheet(PDF) 2 Page - Crydom Inc.,

Part # ODC5MA
Description  I/O Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

ODC5MA Datasheet(HTML) 2 Page - Crydom Inc.,

  ODC5MA Datasheet HTML 1Page - Crydom Inc., ODC5MA Datasheet HTML 2Page - Crydom Inc., ODC5MA Datasheet HTML 3Page - Crydom Inc., ODC5MA Datasheet HTML 4Page - Crydom Inc., ODC5MA Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Input
Part Number
OAC24A
ODC5
ODC5A
ODC5F
ODC5MA
Nominal Voltage VDC
24
5.0
5.0
5.0
5.0
Minimum Voltage VDC (2)
18
2.75
2.75
2.75
2.75
Maximum Voltage VDC
32
8.0
8.0
8.0
8.0
Drop-out Voltage
1.0
1.0
1.0
1.0
1.0
Maximum Current (3)
13
18
18
18
18
Resistance (4)
2000
250
250
250
250
Output
Nominal Line Voltage
240 VAC
5-48 VDC
5-150 VDC
5-48 VDC
5-150 VDC
Minimum Line Voltage
24 VAC
3.0 VDC
3.0 VDC
3.0 VDC
1.0 VDC
Maximum Line Voltage
280 VAC
60 VDC
250 VDC
60 VDC
200 VDC
Max Off-State Voltage (5)
600 Vpeak
60 VDC
250 VDC
60 VDC
200 VDC
Max Off-State Leakage (6)
0.1mArms
10 uA
10 uA
10 uA
10 uA
Static Off-State dv/dt (7)
200 V/usec
N/A
N/A
N/A
N/A
Maximum Rated On-State Current (8)
3.5 Arms
3.0 A
1.0 A
3.0 A
3.0 A
Minimum On-State Current
50 mArms
10 mA
10 mA
10 mA
1.0 mA
Max Surge Current (9)
100 Apeak
5.0 A
5.0 A
5.0 A
10 A
On-State Voltage Drop or Resistance (10)
1.6 V
1.5 V
1.5 V
1.5 V
0.25 Ohms
Maximum Turn-On Time [msec] (13)
8.33
0.1
0.1
0.025
1.0
Maximum Turn-Off Time [msec] (13)
8.33
0.75
0.75
0.05
0.05
Input/Output Isolation Voltage (14)
4000
4000
4000
4000
1500
Input/Output Capacitance
8
8
8
8
8
Operating Temperature Range
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
Storage Temperature Range
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
Line Frequency Range
47 to 63
DC
DC
DC
DC
Weight
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
Input
Part Number
ODC5MC
ODC5ML
ODC24
ODC24A
ODC24F
Nominal Voltage VDC
5.0
5.0
24
24
24
Minimum Voltage VDC (2)
2.75
2.75
18
18
18
Maximum Voltage VDC
8.0
8.0
32
32
32
Drop-out Voltage
1.0
1.0
1.0
1.0
1.0
Maximum Current (3)
18
18
13
13
13
Resistance (4)
250
250
2000
2000
2000
Output
Nominal Line Voltage
5-90 VDC
5-48 VDC
5-48 VDC
5-150 VDC
5-48 VDC
Minimum Line Voltage
1.0 VDC
1.0 VDC
3.0 VDC
3.0 VDC
3.0 VDC
Maximum Line Voltage
100 VDC
50 VDC
60 VDC
250 VDC
60 VDC
Max Off-State Voltage (5)
50 VDC
60 VDC
250 VDC
60 VDC
60 VDC
Max Off-State Leakage (6)
10 uA
10 uA
10 uA
10 uA
10 uA
Static Off-State dv/dt (7)
N/A
N/A
N/A
N/A
N/A
Maximum Rated On-State Current (8)
5.0 A
5.0 A
3.0 A
1.0 A
3.0 A
Minimum On-State Current
1.0 mA
10 mA
10 mA
10 mA
10 mA
Max Surge Current (9)
10 A
10 A
5.0 A
5.0 A
5.0 A
On-State Voltage Drop or Resistance (10)
0.10 Ohms
0.05 Ohms
1.5 V
1.5 V
1.5 V
Maximum Turn-On Time [msec] (13)
1.0
1.0
0.1
0.1
0.025
Maximum Turn-Off Time [msec] (13)
0.05
0.05
0.75
0.75
0.05
Input/Output Isolation Voltage (14)
1500
1500
4000
4000
4000
Input/Output Capacitance
8
8
8
8
8
Operating Temperature Range
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
Storage Temperature Range
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
Line Frequency Range
DC
DC
DC
DC
DC
Weight
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)


Similar Part No. - ODC5MA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ODC5 ETC1-ODC5 Datasheet
32Kb / 2P
   5 VDC SOLID-STATE OPTO-ISOLATED I/O MODULES
ODC5A ETC1-ODC5A Datasheet
32Kb / 2P
   5 VDC SOLID-STATE OPTO-ISOLATED I/O MODULES
logo
Crydom Inc.,
ODC5Q CRYDOM-ODC5Q Datasheet
1Mb / 4P
   AC Modules have High Current Thyristors with 100 Amp
ODC5Q CRYDOM-ODC5Q Datasheet
551Kb / 4P
   I/O Modules
ODC5Q-11 CRYDOM-ODC5Q-11 Datasheet
1Mb / 4P
   AC Modules have High Current Thyristors with 100 Amp
More results

Similar Description - ODC5MA

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
PB-8SM CRYDOM-PB-8SM Datasheet
1Mb / 3P
   I/O Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com