Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8805IEFTZ Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME8805IEFTZ
Description  600mA CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8805IEFTZ Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8805IEFTZ Datasheet HTML 1Page - Analog Microelectronics AME8805IEFTZ Datasheet HTML 2Page - Analog Microelectronics AME8805IEFTZ Datasheet HTML 3Page - Analog Microelectronics AME8805IEFTZ Datasheet HTML 4Page - Analog Microelectronics AME8805IEFTZ Datasheet HTML 5Page - Analog Microelectronics AME8805IEFTZ Datasheet HTML 6Page - Analog Microelectronics AME8805IEFTZ Datasheet HTML 7Page - Analog Microelectronics AME8805IEFTZ Datasheet HTML 8Page - Analog Microelectronics AME8805IEFTZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AME
4
600mA CMOS LDO
AME8805 / 8813
Rev.R.12
n Ordering Information
Note: ww & yww represent the date code and pls refer to the Date Code Rule on Package Dimension.
* A line on top of the first letter represents lead free plating such as A8805.
Please consult AME sales office or authorized Rep./Distributor for output voltage and package type availability.
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME8805AEFT
A8805
AEFww
3.3V
SOT-89
- 40
oC to +85oC
AME8805AEFTZ
A8805
AEFww
3.3V
SOT-89
- 40
oC to +85oC
AME8805BEFT
A8805
BEFww
3.0V
SOT-89
- 40
oC to +85oC
AME8805BEFTZ
A8805
BEFww
3.0V
SOT-89
- 40
oC to +85oC
AME8805CEFT
A8805
CEFww
2.8V
SOT-89
- 40
oC to +85oC
AME8805CEFTZ
A8805
CEFww
2.8V
SOT-89
- 40
oC to +85oC
AME8805DEFT
A8805
DEFww
2.5V
SOT-89
- 40
oC to +85oC
AME8805DEFTZ
A8805
DEFww
2.5V
SOT-89
- 40
oC to +85oC
AME8805EEFT
A8805
EEFww
3.8V
SOT-89
- 40
oC to +85oC
AME8805EEFTZ
A8805
EEFww
3.8V
SOT-89
- 40
oC to +85oC
AME8805FEFT
A8805
FEFww
3.6V
SOT-89
- 40
oC to +85oC
AME8805FEFTZ
A8805
FEFww
3.6V
SOT-89
- 40
oC to +85oC
AME8805GEFT
A8805
GEFww
3.5V
SOT-89
- 40
oC to +85oC
AME8805GEFTZ
A8805
GEFww
3.5V
SOT-89
- 40
oC to +85oC
AME8805HEFT
A8805
HEFww
2.7V
SOT-89
- 40
oC to +85oC
AME8805HEFTZ
A8805
HEFww
2.7V
SOT-89
- 40
oC to +85oC
AME8805IEFT
A8805
IEFww
3.4V
SOT-89
- 40
oC to +85oC
AME8805IEFTZ
A8805
IEFww
3.4V
SOT-89
- 40
oC to +85oC
AME8805JEFT
A8805
JEFww
2.85V
SOT-89
- 40
oC to +85oC
AME8805JEFTZ
A8805
JEFww
2.85V
SOT-89
- 40
oC to +85oC


Similar Part No. - AME8805IEFTZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8805IEFT AME-AME8805IEFT Datasheet
88Kb / 11P
   600mA CMOS LDO
AME8805IEFT AME-AME8805IEFT Datasheet
180Kb / 12P
   600mA CMOS LDO
More results

Similar Description - AME8805IEFTZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com