Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC123CJ0000F Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC123CJ0000F
Description  DIP 4pin Reinforced Insulation Type Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123CJ0000F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC123CJ0000F Datasheet HTML 2Page - Sharp Corporation PC123CJ0000F Datasheet HTML 3Page - Sharp Corporation PC123CJ0000F Datasheet HTML 4Page - Sharp Corporation PC123CJ0000F Datasheet HTML 5Page - Sharp Corporation PC123CJ0000F Datasheet HTML 6Page - Sharp Corporation PC123CJ0000F Datasheet HTML 7Page - Sharp Corporation PC123CJ0000F Datasheet HTML 8Page - Sharp Corporation PC123CJ0000F Datasheet HTML 9Page - Sharp Corporation PC123CJ0000F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Sheet No.: D2-A02904EN
Model Line-up
Sleeve
100pcs/sleeve
IC [mA]
(IF
=5mA, VCE=5V, Ta=25˚C)
Rank mark
with or without
A
B
No mark
S
2.5 to 20.0
2.5 to 7.5
5.0 to 12.5
10.0 to 20.0
5.0 to 10.0
Lead Form
Package
DIN EN60747-5-2
Model No.
Through-Hole
PC123J00000F
PC123AJ0000F
PC123BJ0000F
PC123CJ0000F
PC123SJ0000F
PC123YJ0000F
PC123Y1J000F
PC123Y2J000F
PC123Y5J000F
PC123YSJ000F
PC123FJ0000F
PC123F1J000F
PC123F2J000F
PC123F5J000F
PC123FSJ000F
PC123FYJ000F
PC123FY1J00F
PC123FY2J00F
PC123FY5J00F
PC123FY8J00F
Wide Through-Hole
−−−−−−
Approved
−−−−−−
Approved
Taping
2 000pcs/reel
IC [mA]
(IF
=5mA, VCE=5V, Ta=25˚C)
Rank mark
with or without
A
B
No mark
S
2.5 to 20.0
2.5 to 7.5
5.0 to 12.5
10.0 to 20.0
5.0 to 10.0
Lead Form
Package
DIN EN60747-5-2
Model No.
PC123PYJ000F
PC123PY1J00F
PC123PY2J00F
PC123PY5J00F
PC123PY8J00F
PC123FPJ000F
PC123FP1J00F
PC123FP2J00F
PC123FP5J00F
PC123FP8J00F
PC123ZYJ000F
PC123ZY1J00F
PC123ZY2J00F
PC123ZY5J00F
PC123ZY8J00F
Wide SMT Gullwing
PC123PJ0000F
PC123P1J000F
PC123P2J000F
PC123P5J000F
PC123PSJ000F
−−−−−−
Approved
−−−−−−
Approved
SMT Gullwing
6
Please contact a local SHARP sales representative to inquire about production status.
PC123J00000F Series


Similar Part No. - PC123CJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123 SHARP-PC123 Datasheet
79Kb / 4P
   European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC123 SHARP-PC123 Datasheet
714Kb / 15P
   DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC12310NFZ0F SHARP-PC12310NFZ0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC12310NFZ0X SHARP-PC12310NFZ0X Datasheet
585Kb / 17P
   PC1231xxFZ0X Series Photocoupler
PC12310NIP0F SHARP-PC12310NIP0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
More results

Similar Description - PC123CJ0000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC12311NSZ0F SHARP-PC12311NSZ0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
   VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com