Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8821BEEV180Y Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME8821BEEV180Y
Description  250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8821BEEV180Y Datasheet(HTML) 2 Page - Analog Microelectronics

  AME8821BEEV180Y Datasheet HTML 1Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 2Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 3Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 4Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 5Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 6Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 7Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 8Page - Analog Microelectronics AME8821BEEV180Y Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AME
2
250mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
AME8821
Rev.A.04
n Pin Configuration
SOT-25/TSOT-25
Top View
AME8821AEEV
1. IN
2. GND
3. ENB
4. SR
5. OUT
* Die Attach:
Conductive Epoxy
n Pin Description
SOT-25/TSOT-25
Top View
AME8821BEEV
1. IN
2. GND
3. EN
4. SR
5. OUT
* Die Attach:
Conductive Epoxy
1
3
2
5
4
AME8821
1
3
2
5
4
AME8821
Pin Number
Pin Name
Pin Description
1
IN
Input voltage pin.
It should be decoupled with 1
µF or greater capacitor.
2
GND
Ground connection pin.
EN
Enable pin.
When pulled low, the PMOS pass transistor turns off, current
consuming less than 1
µA.
ENB
Enable bar pin.
When pulled high, the PMOS pass transistor turns off, current
consuming less than 1
µA.
4
SR
The SR(Slew Rate) terminal is used to control the VOUT in-rush
current.
5
OUT
LDO voltage regulator output pin.
It should be decoupled with a 4.7
µF or greater value low ESR
ceramic capacitor.
3


Similar Part No. - AME8821BEEV180Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8821BEEV180Y AME-AME8821BEEV180Y Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8821BEEV180Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8831 AME-AME8831_08 Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Asahi Kasei Microsystem...
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78825DBVR TI-TPS78825DBVR Datasheet
161Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78825 TI1-TPS78825 Datasheet
730Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS788 TI-TPS788_15 Datasheet
716Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833 TI-TPS78833 Datasheet
171Kb / 9P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com