Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC714V5NSZXF Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC714V5NSZXF
Description  DIP 6 pin General Purpose Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC714V5NSZXF Datasheet(HTML) 4 Page - Sharp Corporation

  PC714V5NSZXF Datasheet HTML 1Page - Sharp Corporation PC714V5NSZXF Datasheet HTML 2Page - Sharp Corporation PC714V5NSZXF Datasheet HTML 3Page - Sharp Corporation PC714V5NSZXF Datasheet HTML 4Page - Sharp Corporation PC714V5NSZXF Datasheet HTML 5Page - Sharp Corporation PC714V5NSZXF Datasheet HTML 6Page - Sharp Corporation PC714V5NSZXF Datasheet HTML 7Page - Sharp Corporation PC714V5NSZXF Datasheet HTML 8Page - Sharp Corporation PC714V5NSZXF Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Sheet No.: D2-A04102EN
■ Electro-optical Characteristics
Parameter
Conditions
Forward voltage
Peak forward voltage
Reverse current
Terminal capacitance
Collector dark current
Transfer
charac-
teristics
Emitter-collector breakdown voltage
Current transfer ratio
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Isolation resistance
Cut-off frequency
Floating capacitance
MIN.
6
2.5
5
×10
10
TYP.
1.2
30
0.1
1
×10
11
0.6
80
4
3
MAX.
1.4
3.0
10
250
100
30.0
0.2
1.0
18
18
Unit
V
V
µA
V
pF
nA
V
mA
V
kHz
pF
µs
µs
Symbol
VF
VFM
IR
Ct
ICEO
BVCEO
BVECO
IC
VCE (sat)
fC
Cf
tr
tf
RISO
Response time
Rise time
Fall time
Input
Output
IF
=20mA
IFM
=0.5A
VR
=4V
V
=0, f=1kHz
VCE
=50V, IF=0
IC
=0.1mA, IF=0
IE
=10µA, IF=0
IF
=5mA, VCE=5V
DC500V, 40 to 60%RH
VCE
=2V, IC=2mA, RL=100Ω
VCE
=5V, IC=2mA, RL=100Ω −3dB
V
=0, f=1MHz
IF
=20mA, IC=1mA
80
(Ta
=25˚C)
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*1 Peak forward current
A
Power dissipation
Reverse voltage
mW
V
Collector-emitter voltage
V
Emitter-collector voltage
V
Collector current
mA
Collector power dissipation
mW
*2 Isolation voltage
Operating temperature
Total power dissipation
˚C
mW
Storage temperature
˚C
*3 Soldering temperature
IF
IFM
P
VR
VCEO
VECO
IC
PC
Viso (rms)
Topr
Ptot
Tstg
Tsol
˚C
*1 Pulse width
≤100µs, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1minute, f=60Hz
*3 For 10s
Rating
50
1
70
6
80
6
50
150
−25 to +100
170
−40 to +125
260
5kV
4
PC714VxNSZXF Series


Similar Part No. - PC714V5NSZXF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC714V5 SHARP-PC714V5 Datasheet
395Kb / 4P
   High Isolation Voltage Type, General Purpose Photocoupler
More results

Similar Description - PC714V5NSZXF

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL113 EVERLIGHT-TIL113 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Sharp Corporation
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com