Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8808IEGSZ Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8808IEGSZ
Description  750mA CMOS LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8808IEGSZ Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8808IEGSZ Datasheet HTML 1Page - Analog Microelectronics AME8808IEGSZ Datasheet HTML 2Page - Analog Microelectronics AME8808IEGSZ Datasheet HTML 3Page - Analog Microelectronics AME8808IEGSZ Datasheet HTML 4Page - Analog Microelectronics AME8808IEGSZ Datasheet HTML 5Page - Analog Microelectronics AME8808IEGSZ Datasheet HTML 6Page - Analog Microelectronics AME8808IEGSZ Datasheet HTML 7Page - Analog Microelectronics AME8808IEGSZ Datasheet HTML 8Page - Analog Microelectronics AME8808IEGSZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AME
1
AME8808
750mA CMOS LDO
Rev.G.02
n Typical Application
n Functional Block Diagram
l Very Low Dropout Voltage
l Guaranteed 750mA Output
l Accurate to within 1.5%
l 30
µA Quiescent Current
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Space-Saving SOT-223 and TO-252-2 Packages
l Factory Pre-set Output Voltages
l Low Temperature Coefficient
The AME8808 family of positive, linear regulators fea-
ture low quiescent current (30
µA typ.) with low dropout
voltage, making them ideal for battery applications. The
space-saving SOT-223 and TO-252-2 packages are at-
tractive for "Pocket" and "Hand Held" applications.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the
"Worst" operating conditions.
The AME8808 is stable with an output capacitance of
2.2
µF or greater.
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cordless Phones
l PC Peripherals
l Battery Powered Widgets
n General Description
n Features
n Applications
2.2
µF
AME8808
OUT
IN
C2
C1
1
µF
IN
GND
OUT
5V
Overcurrent
Shutdown
Thermal
Shutdown
AMP
GND
OUT
IN
R1
R2
V
ref=1.215V
l All AME's Lead Free Products Meet RoHS
Standards


Similar Part No. - AME8808IEGSZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8808IEGT AME-AME8808IEGT Datasheet
85Kb / 11P
   750mA CMOS LDO
More results

Similar Description - AME8808IEGSZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com