Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8831BEEV330Z Datasheet(PDF) 4 Page - Analog Microelectronics

Part # AME8831BEEV330Z
Description  150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8831BEEV330Z Datasheet(HTML) 4 Page - Analog Microelectronics

  AME8831BEEV330Z Datasheet HTML 1Page - Analog Microelectronics AME8831BEEV330Z Datasheet HTML 2Page - Analog Microelectronics AME8831BEEV330Z Datasheet HTML 3Page - Analog Microelectronics AME8831BEEV330Z Datasheet HTML 4Page - Analog Microelectronics AME8831BEEV330Z Datasheet HTML 5Page - Analog Microelectronics AME8831BEEV330Z Datasheet HTML 6Page - Analog Microelectronics AME8831BEEV330Z Datasheet HTML 7Page - Analog Microelectronics AME8831BEEV330Z Datasheet HTML 8Page - Analog Microelectronics AME8831BEEV330Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AME
4
150mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
AME8831
Rev.H.05
n Ordering Information
Note: ww represents the date code and pls refer to the Date Code Rule before Package Dimension.
* A line on top of the first character represents lead free plating such as BDVww.
Please consult AME sales office or authorized Rep./Distributor for output voltage and package type availability.
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME8831AEEV180Z
BIKww
1.8V
SOT-25
- 40
oC to +85oC
AME8831AEEV180Y
BIKww
1.8V
TSOT-25
- 40
oC to +85oC
AME8831AEEV250Z
BILww
2.5V
SOT-25
- 40
oC to +85oC
AME8831AEEV250Y
BILww
2.5V
TSOT-25
- 40
oC to +85oC
AME8831AEEV285Z
BIHww
2.85V
SOT-25
- 40
oC to +85oC
AME8831AEEV285Y
BIHww
2.85V
TSOT-25
- 40
oC to +85oC
AME8831AEEV300Z
BIMww
3.0V
SOT-25
- 40
oC to +85oC
AME8831AEEV300Y
BIMww
3.0V
TSOT-25
- 40
oC to +85oC
AME8831AEEV330Z
BDVww
3.3V
SOT-25
- 40
oC to +85oC
AME8831AEEV330Y
BDVww
3.3V
TSOT-25
- 40
oC to +85oC
AME8831BEEV180Z
BEYww
1.8V
SOT-25
- 40
oC to +85oC
AME8831BEEV180Y
BEYww
1.8V
TSOT-25
- 40
oC to +85oC
AME8831BEEV250Z
BFJww
2.5V
SOT-25
- 40
oC to +85oC
AME8831BEEV250Y
BFJww
2.5V
TSOT-25
- 40
oC to +85oC
AME8831BEEV285Z
BEZww
2.85V
SOT-25
- 40
oC to +85oC
AME8831BEEV285Y
BEZww
2.85V
TSOT-25
- 40
oC to +85oC
AME8831BEEV300Z
BFAww
3.0V
SOT-25
- 40
oC to +85oC
AME8831BEEV300Y
BFAww
3.0V
TSOT-25
- 40
oC to +85oC
AME8831BEEV330Z
BFBww
3.3V
SOT-25
- 40
oC to +85oC
AME8831BEEV330Y
BFBww
3.3V
TSOT-25
- 40
oC to +85oC


Similar Part No. - AME8831BEEV330Z

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8831BEEV330Z AKM-AME8831BEEV330Z Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8831BEEV330Z

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME8831 AKM-AME8831 Datasheet
132Kb / 13P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Analog Microelectronics
AME8821 AME-AME8821_08 Datasheet
239Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78825DBVR TI-TPS78825DBVR Datasheet
161Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78825 TI1-TPS78825 Datasheet
730Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS788 TI-TPS788_15 Datasheet
716Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833 TI-TPS78833 Datasheet
171Kb / 9P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com