Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S201S06V Datasheet(PDF) 3 Page - Sharp Corporation

Part # S201S06V
Description  IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S201S06V Datasheet(HTML) 3 Page - Sharp Corporation

  S201S06V Datasheet HTML 1Page - Sharp Corporation S201S06V Datasheet HTML 2Page - Sharp Corporation S201S06V Datasheet HTML 3Page - Sharp Corporation S201S06V Datasheet HTML 4Page - Sharp Corporation S201S06V Datasheet HTML 5Page - Sharp Corporation S201S06V Datasheet HTML 6Page - Sharp Corporation S201S06V Datasheet HTML 7Page - Sharp Corporation S201S06V Datasheet HTML 8Page - Sharp Corporation S201S06V Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Date code (2 digit)
Rank mark
There is no rank mark indicator and currently there are no rank offered for this device.
A.D.
1990
1991
1992
1993
1994
1995
1996
1997
1998
1999
2000
2001
Mark
A
B
C
D
E
F
H
J
K
L
M
N
Mark
P
R
S
T
U
V
W
X
A
B
C
Mark
1
2
3
4
5
6
7
8
9
O
N
D
Month
January
February
March
April
May
June
July
August
September
October
November
December
A.D
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
··
·
··
·
2nd digit
Month of production
1st digit
Year of production
Country of origin
Japan
3
repeats in a 20 year cycle
S101S06V Series
S201S06V Series
Sheet No.: D4-A02201EN


Similar Part No. - S201S06V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S201S06V SHARP-S201S06V Datasheet
60Kb / 4P
   SIP Type SSR with Mounting Capability for External Heat Sink
S201S06V SHARP-S201S06V Datasheet
244Kb / 13P
   Non-zero cross type is also available. (S101S05V Series)
More results

Similar Description - S201S06V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S102S02F SHARP-S102S02F Datasheet
239Kb / 13P
   IT(rms)??A, Non-Zero Cross type SIP 4pin Triac output SSR
S116S02 SHARP-S116S02 Datasheet
238Kb / 13P
   IT(rms)??6A, Zero Cross type SIP 4pin Triac output SSR
S202TY2 SHARP-S202TY2 Datasheet
245Kb / 13P
   IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
S208T02F SHARP-S208T02F Datasheet
245Kb / 13P
   IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
S208T01F SHARP-S208T01F Datasheet
245Kb / 13P
   IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
S202S12F SHARP-S202S12F Datasheet
250Kb / 13P
   IT(rms)??A, Built-in snubber circuit Zero Cross type SIP 4pin Triac output SSR
S216SE2 SHARP-S216SE2 Datasheet
249Kb / 14P
   Reinforced Insulation Type Zero Cross type SIP 4pin Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
   IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR21HD22NSZ SHARP-PR21HD22NSZ Datasheet
250Kb / 13P
   IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com