Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDI2415R Datasheet(PDF) 2 Page - Crydom Inc.,

Part # SDI2415R
Description  PCB Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

SDI2415R Datasheet(HTML) 2 Page - Crydom Inc.,

  SDI2415R Datasheet HTML 1Page - Crydom Inc., SDI2415R Datasheet HTML 2Page - Crydom Inc., SDI2415R Datasheet HTML 3Page - Crydom Inc., SDI2415R Datasheet HTML 4Page - Crydom Inc., SDI2415R Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INPUT SPECIFICATIONS (1)
Description
SDI
Control Voltage Range
-
Control Current Range
10-32 mA
Must Turn On Voltage
-
Must Turn On Current
10 mA
Must Turn Off Voltage
-
Must Turn Off Current
1.0 mA
Typical Input Current @ 5 VDC
-
Nominal Input Impedance
-
Maximum Turn-On Time [msec] (4)
1/2 Cycle
Maximum Turn-Off Time [msec]
1/2 Cycle
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)(2)
3750 Vrms
Minimum Insulation Resistance (@ 500 VDC)(2)
10
9 Ohm
Maximum Capacitance, Input/Output
2.0 pF
Ambient Operating Temperature Range
-30 to 80°C
Ambient Storage Temperature Range
-30 to 125°C
Weight (typical)
0.10 oz. (2.9g)
Encapsulation
Thermally Conductive Epoxy
GENERAL NOTES
1) All parameters at 25¼°C unless otherwise specified.
2) Dielectric and ins ulation resistance are measured
3) Off-State dv/dt test method per EIA/NARM standard RS-443


Similar Part No. - SDI2415R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDI2415R ETC1-SDI2415R Datasheet
24Kb / 1P
   1.5 Amp 120/240Vac 16 PIN DIP Package
logo
Crydom Inc.,
SDI2415R CRYDOM-SDI2415R Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
More results

Similar Description - SDI2415R

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CX240D5 CRYDOM-CX240D5_12 Datasheet
744Kb / 5P
   PCB Mount
logo
DB Lectro Inc
7D DBLECTRO-7D Datasheet
775Kb / 2P
   PCB Mount
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05_13 Datasheet
696Kb / 6P
   PCB Mount
DO061A CRYDOM-DO061A_11 Datasheet
536Kb / 4P
   PCB Mount
UPD2415 CRYDOM-UPD2415_12 Datasheet
831Kb / 5P
   PCB Mount
UPD2415TP CRYDOM-UPD2415TP_13 Datasheet
731Kb / 5P
   PCB Mount
D2W CRYDOM-D2W Datasheet
505Kb / 4P
   PCB Mount
MCX241 CRYDOM-MCX241 Datasheet
445Kb / 4P
   PCB Mount
MCX CRYDOM-MCX Datasheet
511Kb / 4P
   PCB Mount
MPF CRYDOM-MPF Datasheet
517Kb / 4P
   PCB Mount
logo
XP Power Limited
ECP20US03 XPPOWER-ECP20US03 Datasheet
73Kb / 2P
   PCB Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com