Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC81106NIZ0F Datasheet(PDF) 11 Page - Sharp Corporation

Part # PC81106NIZ0F
Description  DIP 4pin High Speed under High Load Resistance Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81106NIZ0F Datasheet(HTML) 11 Page - Sharp Corporation

Back Button PC81106NIZ0F Datasheet HTML 6Page - Sharp Corporation PC81106NIZ0F Datasheet HTML 7Page - Sharp Corporation PC81106NIZ0F Datasheet HTML 8Page - Sharp Corporation PC81106NIZ0F Datasheet HTML 9Page - Sharp Corporation PC81106NIZ0F Datasheet HTML 10Page - Sharp Corporation PC81106NIZ0F Datasheet HTML 11Page - Sharp Corporation PC81106NIZ0F Datasheet HTML 12Page - Sharp Corporation PC81106NIZ0F Datasheet HTML 13Page - Sharp Corporation PC81106NIZ0F Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Sheet No.: D2-A03802EN
Solvent cleaning:
Solvent temperature should be 45˚C or below Immersion time should be 3 minutes or less
Ultrasonic cleaning:
The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time,
size of PCB and mounting method of the device.
Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of
mass production.
Recommended solvent materials:
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol
In case the other type of solvent materials are intended to be used, please make sure they work fine in ac-
tual using conditions since some materials may erode the packaging resin.
● Cleaning instructions
This product shall not contain the following materials.
And they are not used in the production process for this product.
Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC).
•Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB), Polybrominated di-
phenyl ethers (PBDE).
● Presence of ODC
11
PC8110xNSZ0F Series


Similar Part No. - PC81106NIZ0F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC8110GR-E1 RENESAS-PC8110GR-E1 Datasheet
410Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - PC81106NIZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
   High Speed Under High Load Resistance Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC851X SHARP-PC851X Datasheet
215Kb / 14P
   DIP 4pin High Collector-emitter Voltage Photocoupler
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81710NIP0F SHARP-PC81710NIP0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81711NIP0F SHARP-PC81711NIP0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com