Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8822AEVV180Z Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME8822AEVV180Z
Description  High PSRR, 250mA CMOS LDO
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8822AEVV180Z Datasheet(HTML) 3 Page - Analog Microelectronics

  AME8822AEVV180Z Datasheet HTML 1Page - Analog Microelectronics AME8822AEVV180Z Datasheet HTML 2Page - Analog Microelectronics AME8822AEVV180Z Datasheet HTML 3Page - Analog Microelectronics AME8822AEVV180Z Datasheet HTML 4Page - Analog Microelectronics AME8822AEVV180Z Datasheet HTML 5Page - Analog Microelectronics AME8822AEVV180Z Datasheet HTML 6Page - Analog Microelectronics AME8822AEVV180Z Datasheet HTML 7Page - Analog Microelectronics AME8822AEVV180Z Datasheet HTML 8Page - Analog Microelectronics AME8822AEVV180Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AME
3
AME8822
High PSRR, 250mA CMOS LDO
Rev.F.04
Pin Number
Pin Name
Pin Description
1
IN
Input voltage pin.
It should be decoupled with 1mF or greater capacitor.
2
GND
Ground connection pin.
3
EN
Enable pin.
When pulled low, the PMOS pass transistor turns off, current consuming
less than 1mA.
4
NC
No Connection.
5
OUT
LDO voltage regulator output pin.
It should be decoupled with a 1mF or greater value low ESR ceramic
capacitor.
n Pin Description
AME8822AEEV (SOT-25/TSOT-25A) / AME8822AEIV
AME8822AEET (SOT-23/TSOT-23A)
Pin Number
Pin Name
Pin Description
1
GND
Ground connection pin.
2
OUT
LDO voltage regulator output pin.
It should be decoupled with a 1mF or greater value low ESR ceramic
capacitor.
3
IN
Input voltage pin.
It should be decoupled with 1mF or greater capacitor.
AME8822AEVU (DFN-4A)
Pin Number
Pin Name
Pin Description
1
OUT
LDO voltage regulator output pin.
It should be decoupled with a 1mF or greater value low ESR ceramic
capacitor.
2
GND
Ground connection pin.
3
EN
Enable pin.
When pulled low, the PMOS pass transistor turns off, current consuming
less than 1mA.
4
IN
Input voltage pin.
It should be decoupled with 1mF or greater capacitor.


Similar Part No. - AME8822AEVV180Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8822AEET120Z AME-AME8822AEET120Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEET150Z AME-AME8822AEET150Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEET180Z AME-AME8822AEET180Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEET250Z AME-AME8822AEET250Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822AEET280Z AME-AME8822AEET280Z Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results

Similar Description - AME8822AEVV180Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
logo
List of Unclassifed Man...
FT531EA ETC2-FT531EA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
   250mA CMOS LDO
FT531AA ETC2-FT531AA Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
FT531 ETC2-FT531 Datasheet
271Kb / 23P
   Ultra Low Noise, High PSRR, 250mA LDO
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com