Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8808WEGSZ Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8808WEGSZ
Description  750mA CMOS LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8808WEGSZ Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8808WEGSZ Datasheet HTML 3Page - Analog Microelectronics AME8808WEGSZ Datasheet HTML 4Page - Analog Microelectronics AME8808WEGSZ Datasheet HTML 5Page - Analog Microelectronics AME8808WEGSZ Datasheet HTML 6Page - Analog Microelectronics AME8808WEGSZ Datasheet HTML 7Page - Analog Microelectronics AME8808WEGSZ Datasheet HTML 8Page - Analog Microelectronics AME8808WEGSZ Datasheet HTML 9Page - Analog Microelectronics AME8808WEGSZ Datasheet HTML 10Page - Analog Microelectronics AME8808WEGSZ Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AME
7
AME8808
750mA CMOS LDO
Rev.G.02
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.3V<=VO(NOM)<=1.4V
1900
1.4V<VO(NOM)<=2.0V
1400
2.0V<VO(NOM)<=2.8V
800
2.8V<VO(NOM)
600
Output Current
IO
750
mA
Current Limit
ILIM
750
850
mA
Short Circuit Current
ISC
300
600
mA
Quiescent Current
IQ
30
50
µA
Ground Pin Current
IGND
35
µA
1.3V <= VO <= 1.4V
-0.2
0.2
1.4V < VO <= 2.0V
-0.15
0.15
2.0V < VO < 4.0V
-0.1
0.02
0.1
4.0V <= VO
-0.4
0.2
0.4
Load Regulation
REGLOAD
0.2
1
%
Over Temperature Shutdown
OTS
150
oC
Over Temperature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
f=100Hz
60
f=1kHz
50
f=10kHz
20
See
chart
mV
Line Regulation
REGLINE
IO=1mA
VIN=VO+1 to VO+2
%
Dropout Voltage
VDROPOUT
IO=750mA
VO=VO(NOM) -2.0%
Test Condition
IO=1mA
VO>1.2V
VO>1.2V
VO<0.8V
IO=0mA
IO=1mA to 750mA
Power Supply Rejection
PSRR
IO=100mA
CO=2.2mF
mVrms
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA,CBYP=0mF
Co=2.2mF
30
IO=1mA to 750mA
dB
n Electrical Specifications
T
A = 25
OC unless otherwise noted
Note1:V
IN(min)=VOUT+VDROPOUT


Similar Part No. - AME8808WEGSZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
AME8808AECS AME-AME8808AECS Datasheet
85Kb / 11P
   750mA CMOS LDO
AME8808AEGT AME-AME8808AEGT Datasheet
85Kb / 11P
   750mA CMOS LDO
AME8808BECS AME-AME8808BECS Datasheet
85Kb / 11P
   750mA CMOS LDO
AME8808BEGT AME-AME8808BEGT Datasheet
85Kb / 11P
   750mA CMOS LDO
More results

Similar Description - AME8808WEGSZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com