Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8805AEETZ Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME8805AEETZ
Description  600mA CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8805AEETZ Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME8805AEETZ Datasheet HTML 4Page - Analog Microelectronics AME8805AEETZ Datasheet HTML 5Page - Analog Microelectronics AME8805AEETZ Datasheet HTML 6Page - Analog Microelectronics AME8805AEETZ Datasheet HTML 7Page - Analog Microelectronics AME8805AEETZ Datasheet HTML 8Page - Analog Microelectronics AME8805AEETZ Datasheet HTML 9Page - Analog Microelectronics AME8805AEETZ Datasheet HTML 10Page - Analog Microelectronics AME8805AEETZ Datasheet HTML 11Page - Analog Microelectronics AME8805AEETZ Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AME
8
600mA CMOS LDO
AME8805 / 8813
Rev.R.12
n Thermal Information
* Measure
θ
JC on backside center of tab.
** Measure
θ
JC on backside center of molding compund if IC has no tab.
*** MIL-STD-202G 210F
Parameter
Package
Die Attach
Symbol
Maximum
Unit
Conductive Epoxy
40
Non-Conductive
Epoxy
46
*SOT-223
Conductive Epoxy
25
**SOT-23
Conductive Epoxy
81
Conductive Epoxy
180
Non-Conductive
Epoxy
180
SOT-223
Conductive Epoxy
120
SOT-23
Conductive Epoxy
260
Conductive Epoxy
550
Non-Conductive
Epoxy
550
SOT-223
Conductive Epoxy
900
SOT-23
Conductive Epoxy
400
150
oC
350
oC
mW
θJC
oC / W
θJA
oC / W
Maximum Junction Temperature
Solder Iron(10 Sec)***
*SOT-89
SOT-89
SOT-89
Thermal Resistance
(Junction to Case)
Thermal Resistance
(Junction to Ambient)
Internal Power Dissipation
PD


Similar Part No. - AME8805AEETZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8805AEFT AME-AME8805AEFT Datasheet
88Kb / 11P
   600mA CMOS LDO
AME8805AEFT AME-AME8805AEFT Datasheet
180Kb / 12P
   600mA CMOS LDO
AME8805AEFTZ AME-AME8805AEFTZ Datasheet
180Kb / 12P
   600mA CMOS LDO
AME8805AEGT AME-AME8805AEGT Datasheet
88Kb / 11P
   600mA CMOS LDO
AME8805AEGT AME-AME8805AEGT Datasheet
180Kb / 12P
   600mA CMOS LDO
More results

Similar Description - AME8805AEETZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com