Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8819BEGT150Z Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8819BEGT150Z
Description  Low Dropout 600mA CMOS Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8819BEGT150Z Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8819BEGT150Z Datasheet HTML 6Page - Analog Microelectronics AME8819BEGT150Z Datasheet HTML 7Page - Analog Microelectronics AME8819BEGT150Z Datasheet HTML 8Page - Analog Microelectronics AME8819BEGT150Z Datasheet HTML 9Page - Analog Microelectronics AME8819BEGT150Z Datasheet HTML 10Page - Analog Microelectronics AME8819BEGT150Z Datasheet HTML 11Page - Analog Microelectronics AME8819BEGT150Z Datasheet HTML 12Page - Analog Microelectronics AME8819BEGT150Z Datasheet HTML 13Page - Analog Microelectronics AME8819BEGT150Z Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
AME
AME8819
Low Dropout
600mA CMOS Regulator
10
Rev.D.04
n Electrical Specifications
V
IN = VOUT(NOM) + 1V, IOUT = 1mA, CIN=1µF, COUT = 4.7µF, Typical values at TA = 25
oC, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max Units
Input Voltage
VIN
Note1
5.5
V
ADJ Input Bias Current
IADJ
1
µA
ADJ Reference Voltage
VREF
0.965
0.980
0.995
V
Output Voltage Accuracy
VOUT,ACC
-2
2
%
Output Voltage Range
VOUT
1.2
4.5
V
Output Current
IOUT
600
mA
Quiescent Current
IQ
70
100
µA
Note2
800
1000
540
800
470
650
2.8V≦VIN≦VIN(MAX)
-0.4
0.1
0.4
VIN(MIN)≦VIN≦VIN(MAX)
-0.4
0.1
0.4
VIN(MIN)≦VIN≦VIN(MAX)
-0.2
0.03
0.2
VOUT+0.3V≦VIN≦VIN(MAX)
-0.1
0.01
0.1
-0.015
0.01
-0.015
0.01
-0.005
0.004
-0.003
0.002
Output Current Limit
ILIM
650
800
mA
Shutdown Current
ISHDN
5
10
µA
60
1.8V≦ VOUT<2.5V,
VIN=VIN(MIN)
VOUT = 0.8 x VOUT(NOM)
VEN = 0V, VIN(MIN) ≦ VIN ≦ 5.5V
Power Supply Ripple
Rejection
PSRR
f = 1KHz, IOUT = 100mA, Cout=1µF
mV
%/V
%/mA
dB
2.5V≦ VOUT<3.3V,
VIN=VIN(MIN)
3.3V≦ VOUT≦ 4.5V,
VIN=VIN(MIN)
Output Voltage Line
Regulation
[(
∆VOUT / ∆VIN)x100%] /
VOUT
REGLINE
VIN = 5.5V, IOUT = 1mA
1.2V≦ VOUT<1.8V
Output Voltage Load
Regulation
[(
∆V
OUT / VOUT) x 100%]
/
∆I
OUT
REGLOAD
1mA≦ IOUT≦ 600mA
1.2V≦ VOUT<1.8V,
VIN=VIN(MIN)
2.5≦ VOUT<3.3V
1.8V≦ VOUT<2.5V
3.3V≦ VOUT <4.5V
Test Conditions
VIN=5V, VADJ=0.980
Dropout Voltage
VDROP
IOUT = 600mA
1.2V≦ VOUT<1.8V
1.8V≦ VOUT≦ 2.5V
2.5V<VOUT≦ 3.3V
3.3V<VOUT≦ 4.5V


Similar Part No. - AME8819BEGT150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819BEGT180Z AME-AME8819BEGT180Z Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
More results

Similar Description - AME8819BEGT150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819 AME-AME8819 Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
logo
Richtek Technology Corp...
RT9187C RICHTEK-RT9187C Datasheet
175Kb / 8P
   600mA, Ultra-Low Dropout, CMOS Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
   600mA Low Dropout CMOS Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G905 GMT-G905 Datasheet
238Kb / 6P
   2.5V 600mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com