Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8818EEIV250Z Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8818EEIV250Z
Description  Low Dropout 300mA CMOS Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8818EEIV250Z Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8818EEIV250Z Datasheet HTML 7Page - Analog Microelectronics AME8818EEIV250Z Datasheet HTML 8Page - Analog Microelectronics AME8818EEIV250Z Datasheet HTML 9Page - Analog Microelectronics AME8818EEIV250Z Datasheet HTML 10Page - Analog Microelectronics AME8818EEIV250Z Datasheet HTML 11Page - Analog Microelectronics AME8818EEIV250Z Datasheet HTML 12Page - Analog Microelectronics AME8818EEIV250Z Datasheet HTML 13Page - Analog Microelectronics AME8818EEIV250Z Datasheet HTML 14Page - Analog Microelectronics AME8818EEIV250Z Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AME
Rev.D.06
11
AME8818
Low Dropout
300mA CMOS Regulator
* Measure
θ
JC on center of molding compound if IC has no tab.
** MIL-STD-202G 210F
n Thermal Information
Parameter
Package
Die Attach
Symbol
Maximum
Unit
SOT-25
Conductive
Epoxy
81
SOT-23
Non-Conductive
Epoxy
140
SC-70-4(SC-82)
SC-70-5
SOT-25
Conductive
Epoxy
260
SOT-23
Non-Conductive
Epoxy
280
SC-70-4(SC-82)
SC-70-5
SOT-25
Conductive
Epoxy
400
SOT-23
Non-Conductive
Epoxy
400
SC-70-4(SC-82)
SC-70-5
150
oC
350
oC
Solder Iron (10Sec)**
Maximum Junction Temperature
oC / W
mW
Thermal Resistance*
(Junction to Case)
Thermal Resistance
(Junction to Ambient)
Internal Power Dissipation
θ
JC
θ
JA
PD
Conductive
Epoxy
Conductive
Epoxy
Conductive
Epoxy
N/A
331
300


Similar Part No. - AME8818EEIV250Z

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
AME8818AEET120Z AMETHERM-AME8818AEET120Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
AME8818AEET150Z AMETHERM-AME8818AEET150Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
AME8818AEET250Z AMETHERM-AME8818AEET250Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
AME8818AEET300Z AMETHERM-AME8818AEET300Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
More results

Similar Description - AME8818EEIV250Z

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
   300mA low dropout CMOS voltage regulator
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com