Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8805ZEETZ Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8805ZEETZ
Description  600mA CMOS LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8805ZEETZ Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8805ZEETZ Datasheet HTML 5Page - Analog Microelectronics AME8805ZEETZ Datasheet HTML 6Page - Analog Microelectronics AME8805ZEETZ Datasheet HTML 7Page - Analog Microelectronics AME8805ZEETZ Datasheet HTML 8Page - Analog Microelectronics AME8805ZEETZ Datasheet HTML 9Page - Analog Microelectronics AME8805ZEETZ Datasheet HTML 10Page - Analog Microelectronics AME8805ZEETZ Datasheet HTML 11Page - Analog Microelectronics AME8805ZEETZ Datasheet HTML 12Page - Analog Microelectronics AME8805ZEETZ Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AME
9
AME8805 / 8813
600mA CMOS LDO
Rev.R.12
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.3V<=VO(NOM)<=1.4V
1900
1.4V<VO(NOM)<=2.0V
1400
2.0V<VO(NOM)<=2.8V
800
2.8V<VO(NOM)
600
Output Current
IO
600
mA
Current Limit
ILIM
600
800
mA
Short Circuit Current
ISC
300
600
mA
Quiescent Current
IQ
30
50
µA
Ground Pin Current
IGND
35
µA
1.3V <= VO <= 1.4V
-0.2
0.2
1.4V < VO <= 2.0V
-0.15
0.15
2.0V < VO < 4.0V
-0.1
0.02
0.1
VO >= 4.0V
-0.4
0.2
0.4
Load Regulation
REGLOAD
0.2
1
%
Over Temperature Shutdown
OTS
150
oC
Over Temperature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/
oC
f =100Hz
60
f =1kHz
50
f =10kHz
20
IO=1mA to 600mA
Power Supply Rejection
Output Voltage Noise
eN
IO=100mA
CO=2.2
µF
f=10Hz to 100kHz
IO=10mA,CBYP=0
µF
Co=2.2
µF
IO=0mA
Test Condition
IO=1mA
Dropout Voltage
VDROPOUT
IO=600mA
VO=VO(NOM)-2.0%
dB
PSRR
30
µVrms
See
chart
mV
Line Regulation
REGLINE
IO=1mA
VIN=VO+1 to VO+2
%
IO=1mA to 600mA
VO>1.2V
VO>1.2V
VO<0.8V
n Electrical Specifications
TA = 25OC unless otherwise noted
Note1: V
IN(MIN)=VOUT+VDROPOUT
Note2: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage must be
applied before a current source load is applied.


Similar Part No. - AME8805ZEETZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8805 AME-AME8805 Datasheet
88Kb / 11P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
AME88051EGT AME-AME88051EGT Datasheet
180Kb / 12P
   600mA CMOS LDO
AME88052EFT AME-AME88052EFT Datasheet
180Kb / 12P
   600mA CMOS LDO
AME8805AEFT AME-AME8805AEFT Datasheet
88Kb / 11P
   600mA CMOS LDO
More results

Similar Description - AME8805ZEETZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com