Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8819BEGT180Z Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8819BEGT180Z
Description  Low Dropout 600mA CMOS Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8819BEGT180Z Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8819BEGT180Z Datasheet HTML 1Page - Analog Microelectronics AME8819BEGT180Z Datasheet HTML 2Page - Analog Microelectronics AME8819BEGT180Z Datasheet HTML 3Page - Analog Microelectronics AME8819BEGT180Z Datasheet HTML 4Page - Analog Microelectronics AME8819BEGT180Z Datasheet HTML 5Page - Analog Microelectronics AME8819BEGT180Z Datasheet HTML 6Page - Analog Microelectronics AME8819BEGT180Z Datasheet HTML 7Page - Analog Microelectronics AME8819BEGT180Z Datasheet HTML 8Page - Analog Microelectronics AME8819BEGT180Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
AME
Rev.D.04
1
AME8819
Low Dropout
600mA CMOS Regulator
General Description
Features
Applications
Functional Block Diagram
(Fixed Version)
The AME8819 is a CMOS linear regulator. It operated from
2.8V to 5.5V input voltage and delivers up to 600mA output
current. The AME8819 provide low quiescent current (70
μA
typ) low dropout voltage (Vout=3.3V, 540mV @ 600mA typ),
and excellent PSRR, thus marking them ideal for Data-Com-
munications and battery applications.
The AME8819 provide over temperature and over current
protected functions. It is stable with an output capacitance of
2.2
μF or larger.
Data-Communication
Laptop, Palmtops, Notebook computers
Battery Power Equipment
Handheld Device
PCMCIA Cards
Input voltage range is from 2.8V to 5.5V
Output Voltage Range:
Fixed Version is from 1.2V to 4.5V
ADJ Version is from 0.98V to 4.5V
Low Dropout: 540mV @ 600mA, V
OUT = 3.3V
Guaranteed 600mA Drive Current
Factory Pre-set output voltage
Only 2.2
μF Output Capacitor Required for
Stability (Low ESR MLCC is allowable)
Provided OTP, current limit
Green Products Meet RoHS Standards
(Adjustable Version)
IN
Bandgap
Reference
Overcurrent
Shutdown
Thermal
Shutdown
OUT
GND
R1
R2
IN
Bandgap
Reference
Overcurrent
Shutdown
Thermal
Shutdown
OUT
GND
ADJ
R2
(external )
R1
(external )
EN


Similar Part No. - AME8819BEGT180Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819BEGT180Z AME-AME8819BEGT180Z Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
More results

Similar Description - AME8819BEGT180Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819 AME-AME8819 Datasheet
239Kb / 20P
   Low Dropout 600mA CMOS Regulator
logo
Richtek Technology Corp...
RT9187C RICHTEK-RT9187C Datasheet
175Kb / 8P
   600mA, Ultra-Low Dropout, CMOS Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
   600mA Low Dropout CMOS Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
   600mA LOW DROPOUT VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G905 GMT-G905 Datasheet
238Kb / 6P
   2.5V 600mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com