Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8808KEGTZ Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME8808KEGTZ
Description  750mA CMOS LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8808KEGTZ Datasheet(HTML) 5 Page - Analog Microelectronics

  AME8808KEGTZ Datasheet HTML 1Page - Analog Microelectronics AME8808KEGTZ Datasheet HTML 2Page - Analog Microelectronics AME8808KEGTZ Datasheet HTML 3Page - Analog Microelectronics AME8808KEGTZ Datasheet HTML 4Page - Analog Microelectronics AME8808KEGTZ Datasheet HTML 5Page - Analog Microelectronics AME8808KEGTZ Datasheet HTML 6Page - Analog Microelectronics AME8808KEGTZ Datasheet HTML 7Page - Analog Microelectronics AME8808KEGTZ Datasheet HTML 8Page - Analog Microelectronics AME8808KEGTZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AME
5
AME8808
750mA CMOS LDO
Rev.G.02
n Ordering Information (contd.)
Part Number
Marking*
Output Voltage
Package
Operating Ambient
Temperature Range
AME8808DECSZ
AME8808
DECS
yyww
2.5V
TO-252-2
- 40
oC to +85oC
AME8808EECSZ
AME8808
EECS
yyww
3.8V
TO-252-2
- 40
oC to +85oC
AME8808FECSZ
AME8808
FECS
yyww
3.6V
TO-252-2
- 40
oC to +85oC
AME8808GECSZ
AME8808
GECS
yyww
3.5V
TO-252-2
- 40
oC to +85oC
AME8808HECSZ
AME8808
HECS
yyww
2.7V
TO-252-2
- 40
oC to +85oC
AME8808IECSZ
AME8808
IECS
yyww
3.4V
TO-252-2
- 40
oC to +85oC
AME8808JECSZ
AME8808
JECS
yyww
2.85V
TO-252-2
- 40
oC to +85oC
AME8808KECSZ
AME8808
KECS
yyww
3.7V
TO-252-2
- 40
oC to +85oC
AME8808LECSZ
AME8808
LECS
yyww
1.5V
TO-252-2
- 40
oC to +85oC
AME8808MECSZ
AME8808
MECS
yyww
1.8V
TO-252-2
- 40
oC to +85oC
AME8808NECSZ
AME8808
NECS
yyww
2.9V
TO-252-2
- 40
oC to +85oC
AME8808OECSZ
AME8808
OECS
yyww
3.1V
TO-252-2
- 40
oC to +85oC


Similar Part No. - AME8808KEGTZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8808KEGT AME-AME8808KEGT Datasheet
85Kb / 11P
   750mA CMOS LDO
More results

Similar Description - AME8808KEGTZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844 AME-AME8844 Datasheet
273Kb / 14P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com