Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS36277TMX Datasheet(PDF) 4 Page - Texas Instruments

Part # DS36277TMX
Description  Dominant Mode Multipoint Transceiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS36277TMX Datasheet(HTML) 4 Page - Texas Instruments

  DS36277TMX Datasheet HTML 1Page - Texas Instruments DS36277TMX Datasheet HTML 2Page - Texas Instruments DS36277TMX Datasheet HTML 3Page - Texas Instruments DS36277TMX Datasheet HTML 4Page - Texas Instruments DS36277TMX Datasheet HTML 5Page - Texas Instruments DS36277TMX Datasheet HTML 6Page - Texas Instruments DS36277TMX Datasheet HTML 7Page - Texas Instruments DS36277TMX Datasheet HTML 8Page - Texas Instruments DS36277TMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DS36277
SNLS086E – JULY 1998 – REVISED APRIL 2013
www.ti.com
Switching Characteristics
(1)
Over recommended Supply Voltage and Operating Temperature ranges, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER CHARACTERISTICS
tPLHD
Diff. Prop. Delay Low to High
RL = 54Ω
8
17
60
ns
tPHLD
Diff. Prop. Delay High to Low
CL = 50 pF
8
19
60
ns
tSKD
Diff. Skew (|tPLHD–tPHLD|)
CD = 50 pF
2
10
ns
tr
Diff. Rise Time
(Figure 4 and Figure 5)
11
60
ns
tf
Diff. Fall Time
11
60
ns
tPLH
Prop. Delay Low to High
RL = 27Ω, CL = 15 pF
22
85
ns
(Figure 6 and Figure 7)
tPHL
Prop. Delay High to Low
25
85
ns
tPZH
Enable Time Z to High
RL = 110Ω
25
60
ns
CL = 50 pF
tPZL
Enable Time Z to Low
30
60
ns
(Figure 8 – Figure 11 )
tPHZ
Disable Time High to Z
16
60
ns
tPLZ
Disable Time Low to Z
11
60
ns
RECEIVER CHARACTERISTICS
tPLH
Prop. Delay Low to High
VID = −1.5V to +1.5V
15
37
90
ns
CL = 15 pF
tPHL
Prop. Delay High to Low
15
43
90
ns
(Figure 13 and Figure 14)
tSK
Skew (|tPLH–tPHL|)
6
15
ns
tPZH
Enable Time Z to High
CL = 15 pF
12
60
ns
(Figure 15 and Figure 16)
tPZL
Enable Time Z to Low
28
60
ns
tPHZ
Disable Time High to Z
20
60
ns
tPLZ
Disable Time Low to Z
10
60
ns
(1)
All typicals are given for VCC = 5.0V and TA = +25°C.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS36277


Similar Part No. - DS36277TMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36277TM NSC-DS36277TM Datasheet
269Kb / 12P
   Dominant Mode Multipoint Transceiver
DS36277TM NSC-DS36277TM Datasheet
704Kb / 13P
   Dominant Mode Multipoint Transceiver
logo
Texas Instruments
DS36277TM TI-DS36277TM Datasheet
369Kb / 16P
[Old version datasheet]   DS36277 Dominant Mode Multipoint Transceiver
More results

Similar Description - DS36277TMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36277 NSC-DS36277_02 Datasheet
704Kb / 13P
   Dominant Mode Multipoint Transceiver
DS36277 NSC-DS36277 Datasheet
269Kb / 12P
   Dominant Mode Multipoint Transceiver
logo
Texas Instruments
DS36277TM TI-DS36277TM Datasheet
369Kb / 16P
[Old version datasheet]   DS36277 Dominant Mode Multipoint Transceiver
DS36276 TI1-DS36276_11 Datasheet
278Kb / 13P
[Old version datasheet]   FAILSAFE Multipoint Transceiver
logo
National Semiconductor ...
DS36276 NSC-DS36276 Datasheet
236Kb / 12P
   FAILSAFE Multipoint Transceiver
logo
Texas Instruments
DS481 TI1-DS481_14 Datasheet
854Kb / 17P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
National Semiconductor ...
DS481 NSC-DS481_00 Datasheet
549Kb / 8P
   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
DS481 NSC-DS481 Datasheet
156Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver with Sleep Mode
logo
Texas Instruments
DS36C278 TI1-DS36C278_14 Datasheet
862Kb / 16P
[Old version datasheet]   DS36C278 Low Power Multipoint EIA-RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com