Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC24610DRBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24610DRBR
Description  GREEN Rectifier Controller Device
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24610DRBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC24610DRBR Datasheet HTML 6Page - Texas Instruments UCC24610DRBR Datasheet HTML 7Page - Texas Instruments UCC24610DRBR Datasheet HTML 8Page - Texas Instruments UCC24610DRBR Datasheet HTML 9Page - Texas Instruments UCC24610DRBR Datasheet HTML 10Page - Texas Instruments UCC24610DRBR Datasheet HTML 11Page - Texas Instruments UCC24610DRBR Datasheet HTML 12Page - Texas Instruments UCC24610DRBR Datasheet HTML 13Page - Texas Instruments UCC24610DRBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
0
1
2
4
5
6
7
VCC - Bias Supply Voltage - V
0
1
10
100
1,000
10,000
3
No Gate Switching
EN > 1.6
EN < 0.7
-50
-25
0
75
100
125
150
T
J
- Temperature - °C
4.0
4.1
4.3
4.4
4.5
4.6
25
4.2
50
VCC
ON
VCC
OFF
-50
-25
0
75
100
125
150
T
J
- Temperature - °C
0
500
1500
2000
2500
25
1000
50
EN > 1.6 V
EN < 0.7 V
VCC = 5.5 V, No Gate Switching
0
200
600
800
1000
f
SW
- Switching Frequency - kHz
0
10
30
50
60
400
20
C
GATE
= 10 nF
C
GATE
= 4.7 nF
C
GATE
= 3.3 nF
C
GATE
= 1 nF
C
GATE
= 0 nF
40
UCC24610
SLUSA87B – AUGUST 2010 – REVISED SEPTEMBER 2010
www.ti.com
TYPICAL CHARACTERISTICS
BIAS SUPPLY CURRENT
THRESHOLD VOLTAGE
vs
vs
BIAS SUPPLY VOLTAGE
TEMPERATURE
Figure 1.
Figure 2.
BIAS SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
TEMPERATURE
SWITCHING FREQUENCY
Figure 3.
Figure 4.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UCC24610


Similar Part No. - UCC24610DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610DRBR TI-UCC24610DRBR Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
More results

Similar Description - UCC24610DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610 TI-UCC24610 Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610 TI-UCC24610_15 Datasheet
1Mb / 41P
[Old version datasheet]   UCC24610 GREEN Rectifier??Controller Device
logo
OKI electronic componet...
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
   USB Device Controller
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
   USB DEVICE CONTROLLER
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
   USB DEVICE CONTROLLER
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
   USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
   USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com