Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7420FED Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FED
Description  Low-Power Dual Channel Digital Isolators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7420FED Datasheet(HTML) 1 Page - Texas Instruments

  ISO7420FED Datasheet HTML 1Page - Texas Instruments ISO7420FED Datasheet HTML 2Page - Texas Instruments ISO7420FED Datasheet HTML 3Page - Texas Instruments ISO7420FED Datasheet HTML 4Page - Texas Instruments ISO7420FED Datasheet HTML 5Page - Texas Instruments ISO7420FED Datasheet HTML 6Page - Texas Instruments ISO7420FED Datasheet HTML 7Page - Texas Instruments ISO7420FED Datasheet HTML 8Page - Texas Instruments ISO7420FED Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
V
CC1
OUTA
INB
GND1
V
CC2
INA
OUTB
GND2
ISO7421
D Package
(Top View)
1
2
3
4
8
7
6
5
V
CC1
INA
INB
GND1
V
CC2
OUTA
OUTB
GND2
ISO7420
D Package
(Top View)
1
2
3
4
8
7
6
5
ISO7420E, ISO7420FE
ISO7421E, ISO7421FE
www.ti.com
SLLSE45E – DECEMBER 2010 – REVISED JANUARY 2013
Low-Power Dual Channel Digital Isolators
Check for Samples: ISO7420E, ISO7420FE, ISO7421E, ISO7421FE
1
FEATURES
APPLICATIONS
2
Signaling Rate > 50 Mbps
Opto-Coupler Replacement in:
For Devices with Suffix F, Output is Low in
Industrial FieldBus
Default Mode
ProfiBus
Low Power Consumption: Typical ICC per
ModBus
Channel (3.3V Supplies):
DeviceNet™ Data Buses
ISO7420: 1.4 mA at 1 Mbps, 2.5 mA at
Servo Control Interface
25 Mbps
Motor Control
ISO7421: 1.8 mA at 1 Mbps, 2.8 mA at
Power Supplies
25 Mbps
Battery Packs
Low Propagation Delay: 7 ns Typical (E-Grade)
Low Pulse Skew: 200 ps Typical (E-Grade)
SAFETY AND REGULATORY
Wide TA Range Specified: –40°C to 125°C
APPROVALS
50 KV/
μs Transient Immunity, Typical
3000 VRMS / 4242 VPK Isolation per DIN EN
Isolation Barrier Life: > 25 Years
60747-5-2 (VDE 0884 Part 2)
Operates from 3V to 5.5V Supply Levels
2.5 KVRMS Isolation for 1 minute per UL 1577
Narrow Body SOIC-8 Package
CSA Component Acceptance Notice #5A
IEC 60950-1 and IEC 61010-1 End Equipment
Standards
All Agencies Approvals Completed
DESCRIPTION
ISO7420x and ISO7421x provide galvanic isolation up to 2500 VRMS for 1 minute per UL and 4242 VPK per VDE.
These devices have two isolated channels. Each channel has a logic input and output buffer separated by a
silicon dioxide (SiO2) insulation barrier. Used in conjunction with isolated power supplies, these devices prevent
noise currents on a data bus or other circuit from entering the local ground and interfering with or damaging
sensitive circuitry. The suffix F indicates low-output option in fail-safe conditions (see Table 1). E-grade devices
have no integrated noise filter and thus have fast propagation delays. CC-grade devices have integrated 10ns-
filters for harsh environments where short noise pulses may be present at the device input pins.
These devices have TTL input thresholds and operate from 3V to 5.5V supplies. All inputs are 5V tolerant when
supplied from a 3.3V supply.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DeviceNet is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2010–2013, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7420FED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420FE TI-ISO7420FE Datasheet
965Kb / 25P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420FE TI-ISO7420FE Datasheet
1Mb / 33P
[Old version datasheet]   ISO742x Low-Power Dual Channel Digital Isolators
More results

Similar Description - ISO7420FED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420E_1112 TI-ISO7420E_1112 Datasheet
965Kb / 25P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420 TI-ISO7420_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO742x Low-Power Dual-Channel Digital Isolators
ISO7420E TI-ISO7420E_15 Datasheet
1Mb / 33P
[Old version datasheet]   ISO742x Low-Power Dual Channel Digital Isolators
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
[Old version datasheet]   LOW-POWER DUAL DIGITAL ISOLATORS
ISO7421 TI-ISO7421 Datasheet
640Kb / 18P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7421-EP TI1-ISO7421-EP_16 Datasheet
1,006Kb / 24P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420_10 Datasheet
432Kb / 20P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420 Datasheet
611Kb / 19P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7421E-Q1 TI1-ISO7421E-Q1 Datasheet
623Kb / 18P
[Old version datasheet]   Low-Power Dual Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com