Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

397LMH350M2CG Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 397LMH350M2CG
Description  105C Long Life Snap mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

397LMH350M2CG Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  397LMH350M2CG Datasheet HTML 1Page - Illinois Capacitor, Inc. 397LMH350M2CG Datasheet HTML 2Page - Illinois Capacitor, Inc. 397LMH350M2CG Datasheet HTML 3Page - Illinois Capacitor, Inc. 397LMH350M2CG Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LMH
+105°C, Long Life 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
1200
200
128LMH200M2CH 207.23
2.54
25x50
1200
200
128LMH200M2DE 207.23
2.42
30x35
1200
200
128LMH200M2ED 207.23
2.49
35x30
1200
250 128LMH250M2DG 207.23
2.35
30x45
1200
250
128LMH250M2EE
207.23
2.32
35x35
1500
160
158LMH160M2CG 165.79
2.42
25x45
1500
160
158LMH160M2DE 165.79
2.41
30x35
1500
200
158LMH200M2CH 165.79
2.53
25x50
1500
200
158LMH200M2DF 165.79
2.55
30x40
1500
200
158LMH200M2ED 165.79
2.49
35x30
1500
200
158LMH200M2ED 165.79
2.49
35x30
1500
250
158LMH250M2EG 165.79
2.56
35x45
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
1800
160
188LMH160M2CH 138.16
2.56
25x50
1800
160
188LMH160M2DF 138.16
2.58
30x40
1800
160
188LMH160M2ED 138.16
2.52
35x30
1800
200 188LMH200M2DG 138.16
2.71
30x45
1800
200
188LMH200M2EF
138.16
2.82
35x40
1800
250
188LMH250M2EH 138.16
2.71
35x50
2200
160 228LMH160M2DG 113.06
2.89
30x45
2200
160
228LMH160M2EE
113.06
2.85
35x35
2200
200
228LMH200M2EG 113.06
3.16
35x45
2700
160 278LMH160M2DH
92.1
3.13
30x50
2700
160
278LMH160M2EF
92.1
3.11
35x40
3300
160
338LMH160M2EH 75.358
3.77
35x50


Similar Part No. - 397LMH350M2CG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
397LMH350MZCG ILLINOISCAPACITOR-397LMH350MZCG Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
397LMH350MZCG ILLINOISCAPACITOR-397LMH350MZCG Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
397LMH350MZDE ILLINOISCAPACITOR-397LMH350MZDE Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
397LMH350MZDE ILLINOISCAPACITOR-397LMH350MZDE Datasheet
133Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 397LMH350M2CG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
logo
RFE international
VEU100M1ETR050057 RFE-VEU100M1ETR050057 Datasheet
88Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEU Series: Surface Mount Type,105C, Long Life
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
058059PLL-SI VISHAY-058059PLL-SI Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com