Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

107LBA500M2CD Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 107LBA500M2CD
Description  85C Snap-Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107LBA500M2CD Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  107LBA500M2CD Datasheet HTML 1Page - Illinois Capacitor, Inc. 107LBA500M2CD Datasheet HTML 2Page - Illinois Capacitor, Inc. 107LBA500M2CD Datasheet HTML 3Page - Illinois Capacitor, Inc. 107LBA500M2CD Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LBA
+85°C Standard 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
3300
80
338LBA080M2ED
75.358
3.28
35x30
3300
100
338LBA100M2EE
75.358
3.58
35x35
3300
100
338LBA100M2FD
75.358
3.5
40x30
4700
25
478LBA025M2BC
105.82
2.2
22x25
4700
35
478LBA035M2BD
88.18
2.4
22x30
4700
35
478LBA035M2CC
88.18
2.35
25x25
4700
50
478LBA050M2BF
70.55
2.91
22x40
4700
50
478LBA050M2CE
70.55
2.86
25x35
4700
50
478LBA050M2DC
70.55
2.8
30x25
4700
63
478LBA063M2CG
52.91
3.25
25x45
4700
63
478LBA063M2DD
52.91
3.2
30x30
4700
63
478LBA063M2EC
52.91
3.13
35x25
4700
63
478LBA063M2CE
52.91
3.59
25x35
4700
80
478LBA080M2BE
52.91
3.5
22x35
4700
80
478LBA080M2ED
52.91
3.3
35x30
4700
80
478LBA080M2EE
52.91
3.73
35x35
4700
100
478LBA100M2EG
52.91
4.3
35x45
4700
100
478LBA100M2FE
52.91
4.22
40x35
5600
25
568LBA025M2BD
88.81
2.4
22x30
6800
25
688LBA025M2BE
73.14
2.6
22x35
6800
25
688LBA025M2CC
73.14
2.55
25x25
6800
35
688LBA035M2DC
60.95
2.95
30x25
6800
35
688LBA035M2BF
60.95
3.06
22x40
6800
35
688LBA035M2CD
60.95
3.01
25x30
6800
35
688LBA035M2BE
60.95
2.9
22x35
6800
50
688LBA050M2DD 85.331
3.69
30x30
6800
50
688LBA050M2CG
60.95
3.86
25x45
6800
50
688LBA050M2ED
60.95
3.73
35x30
6800
63
688LBA063M2EE
36.57
4.15
35x35
6800
80
688LBA080M2EG
36.57
4.8
35x45
8200
16
828LBA016M2BC
80.87
2.37
22x25
8200
25
828LBA025M2BE
60.65
3.31
22x35
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
8200
35
828LBA035M2CE
50.55
3.45
25x35
8200
50
828LBA050M2DF
40.44
4.35
30x40
10000
16
109LBA016M2BD
66.32
2.84
22x30
10000
16
109LBA016M2CC
66.32
2.76
25x25
10000
25
109LBA025M2BG
49.74
3.4
22x45
10000
25
109LBA025M2CE
49.74
3.32
25x35
10000
25
109LBA025M2DC
49.74
3.31
30x25
10000
35
109LBA035M2CF
41.45
4.06
25x40
10000
35
109LBA035M2DD
41.45
4
30x30
10000
35
109LBA035M2EC
41.45
3.93
35x25
10000
50
109LBA050M2EE
33.16
4.7
35x35
10000
63
109LBA063M2EG
24.868
5.2
35x45
15000
10
159LBA010M2CC
55.26
2.76
25x25
15000
16
159LBA016M2BF
44.21
3.94
22x40
15000
16
159LBA016M2DC
44.21
3.51
30x25
15000
25
159LBA025M2CG
33.16
4.5
25x45
15000
25
159LBA025M2ED
33.16
4.39
35x30
15000
35
159LBA035M2DF
27.63
5.07
30x40
15000
35
159LBA035M2EE
27.63
5
35x35
15000
50
159LBA050M2EG
22.11
5.9
35x45
22000
10
229LBA010M2DC
37.68
3.49
30x25
22000
16
229LBA016M2DD
30.14
4.45
30x30
22000
16
229LBA016M2EC
30.14
4.13
35x25
22000
16
229LBA016M2BH
30.14
5.23
22x50
22000
25
229LBA025M2EE
22.61
5.73
35x35
22000
25
229LBA025M2FD
22.61
5.65
40x30
22000
35
229LBA035M2EG
18.84
6.25
35x45
33000
16
339LBA016M2DF
20.1
5.8
30x40
33000
16
339LBA016M2ED
20.1
5.15
35x30
33000
25
339LBA025M2EH
15.07
7.2
35x50
47000
16
479LBA016M2DH
14.11
6.78
30x50
47000
16
479LBA016M2EF
14.11
6.71
35x40


Similar Part No. - 107LBA500M2CD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LBA500M2CD ILLINOISCAPACITOR-107LBA500M2CD Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
More results

Similar Description - 107LBA500M2CD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
logo
RFE international
LS2101M2G220300 RFE-LS2101M2G220300 Datasheet
190Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS LS2 Series: Snap-In, Fail Safe, 85C
logo
Illinois Capacitor, Inc...
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
logo
TDK Electronics
B43509 TDK-B43509 Datasheet
621Kb / 20P
   Aluminum electrolytic capacitors Snap-in capacitors
logo
EPCOS
B43508 EPCOS-B43508 Datasheet
1,022Kb / 17P
   Aluminum electrolytic capacitors Snap-in capacitors
logo
TDK Electronics
B41252 TDK-B41252 Datasheet
377Kb / 24P
   Aluminum electrolytic capacitors Snap-in capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com