Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS96DGGG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS96DGGG4
Description  LVDS SERDES RECEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS96DGGG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS96DGGG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS96DGGG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS96DGGG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS96DGGG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS96DGGG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS96DGGG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS96DGGG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS96DGGG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS96DGGG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
at clock periods other than 15.38 ns can be calculated from
tc
14
–600 ps.
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN65LVDS96
SLLS296H – MAY 1998 – REVISED JULY 2006
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1) MAX
UNIT
VIT+
Positive-going differential Input voltage threshold
100
mV
VIT-
Negative-going differential Input voltage threshold(2)
–100
mV
VOH
High-level output voltage
IOH = –4 mA
2.4
V
VOL
Low-level output voltage
IOH = 4 mA
0.4
V
Disabled, all inputs open
280
µA
Enabled, AnP at 1 V and AnM at 1.4 V,
60
82
ICC
Quiescent current (average)
tc = 15.38 ns
mA
Enabled, CL = 8 pF, Worst-case pattern
94
(see Figure 4), tc = 15.38 ns
IIH
High-level input current (SHTDN)
VIH = VCC
±20
µA
IIL
Low-level input current (SHTDN)
VIL = 0 V
±20
µA
IIN
Input current (A inputs)
0 V
≤ V
I ≤ 2.4 V
±20
µA
IOZ
High-impedance output current
VO = 0 V to VCC
±10
µA
(1)
All typical values are VCC = 3.3 V, TA = 25°C.
(2)
The algebraic convention, in which the less-positive (more-negative) limit is designated minimum, is used in this data sheet for the
negative-going input voltage threshold only.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
tsu
Data setup time, D0 through D20 to CLKOUT
3.4
6
CL = 8 pF,
See Figure 5
ns
th
Data hold time, CLKOUT
↑ to D0 through D20
4
6
TA = 0°C to 85°C
490
800
ps
Receiver input skew margin(1)
tc = 15.38 ns (±0.2%),
tRSKM
(see Figure 7)
|Input clock jitter| <50 ps(2)
TA = –40°C to 0°C
350
ps
Delay time, input clock to output clock
td
tc = 15.38 ns (±0.2%)
3.7
ns
(see Figure 7)
tc = 15.38 + 0.75 sin (2π500E3t) ±0.05 ns,
±80
See Figure 7
Change in output clock period from
∆t
C(O)
ps
cycle to cycle(3)
tc = 15.38 + 0.75 sin (2π3E6t) ±0.05 ns,
±300
See Figure 7
ten
Enable time, SHTDN to phase lock
See Figure 8
1
ms
tdis
Disable time, SHTDN to Off state
See Figure 9
400
ns
tt
Output transition time (10% to 90% tr or tf)
CL = 8 pF
3
ns
tw
Output clock pulse duration
0.43 tc
ns
(1)
tRSKM is the timing margin available to allocate to the transmitter and interconnection skews and clock jitter. The value of this parameter
(2)
|Input clock jitter| is the magnitude of the change in the input clock period.
(3)
∆t
C(O) is the change in the output clock period from one cycle to the next cycle observed over 15,000 cycles.
5
Submit Documentation Feedback


Similar Part No. - SN65LVDS96DGGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS96DGG TI-SN65LVDS96DGG Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
More results

Similar Description - SN65LVDS96DGGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
   LVDS SerDes transmitter and receiver
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
   LVDS SerDes transmitter and receiver
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95 TI-SN65LVDS95 Datasheet
177Kb / 13P
[Old version datasheet]   LVDS SERDES TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com