Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

687LMH350M2EF Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 687LMH350M2EF
Description  105C Long Life Snap mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

687LMH350M2EF Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  687LMH350M2EF Datasheet HTML 1Page - Illinois Capacitor, Inc. 687LMH350M2EF Datasheet HTML 2Page - Illinois Capacitor, Inc. 687LMH350M2EF Datasheet HTML 3Page - Illinois Capacitor, Inc. 687LMH350M2EF Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LMH
+105°C, Long Life 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
68
450
686LMH450M2BC 3657.05
0.47
22x25
82
450
826LMH450M2BD 3032.68
0.55
22x30
100
400
107LMH400M2BC 2486.8
0.61
22x25
100
450
107LMH450M2BD 2486.8
0.61
22x30
100
450
107LMH450M2CC 2486.8
0.61
25x25
120
350
127LMH350M2BC 2072.33
0.58
22x25
120
400
127LMH400M2BD 2072.33
0.72
22x30
120
450
127LMH450M2BE 2072.33
0.71
22x35
120
450
127LMH450M2CD 2072.33
0.72
25x30
150
350
157LMH160M2BD 1657.86
0.71
22x30
150
400
157LMH400M2BD 1657.86
0.8
22x30
150
400
157LMH400M2CC 1657.86
0.8
25x25
150
450
157LMH450M2DC 1657.86
0.84
30x25
150
450
157LMH450M2BF 1657.86
0.85
22x40
150
450
157LMH450M2CD 1657.86
0.81
25x30
180
350
187LMH350M2BD 1381.55
0.73
22x30
180
350
187LMH350M2CC 1381.55
0.73
25x25
180
400
187LMH400M2BE 1381.55
0.89
22x35
180
400
187LMH400M2CD 1381.55
0.9
25x30
180
450
187LMH450M2BG 1381.55
0.93
22x45
180
450
187LMH450M2CF 1381.55
0.95
25x40
180
450 187LMH450M2DD 1381.55
0.93
30x30
220
250
227LMH250M2BC 1130.62
0.89
22x25
220
350
227LMH350M2BE 1130.62
0.87
22x35
220
350
227LMH350M2CD 1130.62
0.87
25x30
220
400
227LMH400M2BG 1130.62
1.1
22x45
220
400
227LMH400M2CE 1130.62
1.06
25x35
220
400
227LMH400M2DC 1130.62
1.03
30x25
220
450
227LMH450M2CG 1130.62
1.1
25x45
220
450 227LMH450M2DD 1130.62
1.03
30x30
220
450
227LMH450M2EC 1130.62
1.06
35x25
270
250
277LMH250M2BC 921.04
0.94
22x25
270
350
277LMH350M2BF
921.04
0.96
22x40
270
350
277LMH350M2CD 921.04
0.92
25x30
270
350
277LMH350M2DC 921.04
0.95
30x25
270
400
277LMH400M2CF
921.04
1.18
25x40
270
400 277LMH400M2DD 921.04
1.16
30x30
270
400
277LMH400M2BH 921.04
1.21
22x50
270
400
277LMH400M2EC
921.04
1.19
35x25
270
450
277LMH450M2DF 921.04
1.22
30x40
270
450
277LMH450M2ED 921.04
1.19
35x30
270
450
277LMH450M2CH 921.04
1.21
25x50
330
250
337LMH250M2CC 753.58
1.12
25x25
330
250
337LMH250M2BD 753.58
1.12
22x30
330
350 337LMH350M2DD 753.58
1.13
30x30
330
350
337LMH350M2BG 753.58
1.12
22x45
330
350
337LMH350M2CF
753.58
1.15
25x50
330
400
337LMH400M2CG 753.58
1.37
25x45
330
400
337LMH400M2DE 753.58
1.37
30x35
330
400
337LMH400M2ED 753.58
1.41
35x30
330
450 337LMH450M2DG 753.58
1.42
30x45
330
450
337LMH450M2EE
753.58
1.4
35x35
390
200
397LMH200M2BC 637.64
1.29
22x25
390
250
397LMH250M2BE 637.64
1.3
22x35
390
250
397LMH250M2CC 637.64
1.21
25x25
390
350
397LMH350M2CG 637.64
1.31
25x45
390
350
397LMH350M2DE 637.64
1.31
30x35
390
400
397LMH400M2CH 637.64
1.56
25x50
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
390
400
397LMH400M2DF 637.64
1.58
30x40
390
400
397LMH400M2ED 637.64
1.54
35x30
390
450 397LMH450M2DH 637.64
1.61
30x50
390
450
397LMH450M2EF
637.64
1.6
35x40
470
160
477LMH160M2BC 529.11
1.44
22x25
470
200
477LMH200M2BD 529.11
1.44
22x30
470
250
477LMH250M2CD 529.11
1.36
25x30
470
250
477LMH250M2BF
529.11
1.42
22x40
470
350
477LMH350M2CH 529.11
1.42
25x50
470
350
477LMH350M2DE 529.11
1.36
30x35
470
350
477LMH350M2ED 529.11
1.4
35x30
470
400 477LMH400M2DG 529.11
1.72
30x45
470
400
477LMH400M2EE
529.11
1.69
35x35
470
450
477LMH450M2EG 529.11
1.75
35x45
560
200
567LMH200M2CC 444.07
1.48
25x25
560
200
567LMH200M2BD 444.07
1.48
22x30
560
250
567LMH250M2BG 444.07
1.54
22x45
560
250
567LMH250M2CE
444.07
1.49
25x35
560
250
567LMH250M2DC 444.07
1.44
30x25
560
350 567LMH350M2DG 444.07
1.55
30x45
560
350
567LMH350M2EE
444.07
1.53
35x35
560
400
567LMH400M2EF
444.07
1.84
35x40
560
400 567LMH400M2DH 444.07
1.85
30x50
560
450
567LMH450M2EH 444.07
1.88
35x50
680
160
687LMH160M2BD 365.71
1.63
22x30
680
160
687LMH160M2CC 365.71
1.63
25x25
680
200
687LMH200M2BF
365.71
1.84
22x40
680
200
687LMH200M2CD 365.71
1.75
25x30
680
250 687LMH250M2DD 365.71
1.71
30x30
680
250
687LMH250M2EC
365.71
1.75
35x25
680
250
687LMH250M2BH 365.71
1.78
22x50
680
250
687LMH250M2CF
365.71
1.73
25x40
680
350 687LMH350M2DH 365.71
1.79
30x50
680
350
687LMH350M2EF
365.71
1.78
35x40
680
400
687LMH400M2EG 365.71
2.12
35x45
820
160
827LMH160M2BE 303.27
1.84
22x35
820
160
827LMH160M2CD 303.27
1.85
25x30
820
200
827LMH200M2CE
303.27
1.98
25x35
820
200
827LMH200M2DC 303.27
1.92
30x25
820
200
827LMH200M2BG 303.27
2.05
22x45
820
250
827LMH250M2CG 303.27
1.93
25x45
820
250
827LMH250M2DE 303.27
1.92
30x35
820
250
827LMH250M2ED 303.27
1.98
35x30
820
350
827LMH350M2EG 303.27
1.97
35x45
820
400
827LMH400M2EH 303.27
2.35
35x50
1000
160
108LMH160M2BF
248.68
2.1
22x40
1000
160
108LMH160M2CE
248.68
2.13
25x35
1000
160
108LMH160M2DC 248.68
2.07
30x25
1000
200
108LMH200M2BH 248.68
2.31
22x50
1000
200
108LMH200M2CG 248.68
2.37
25x45
1000
200 108LMH200M2DD 248.68
2.22
30x30
1000
200
108LMH200M2EC
248.68
2.28
35x25
1000
200
108LMH200M2CG 248.68
2.37
25x45
1000
250
108LMH250M2DF 248.68
2.19
30x40
1000
250
108LMH250M2ED 248.68
2.13
35x30
1200
160
128LMH160M2CF
207.23
2.3
25x40
1200
160 128LMH160M2DD 207.23
2.27
30x30
1200
160
128LMH160M2EC
207.23
2.33
35x25


Similar Part No. - 687LMH350M2EF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
687LMH350MZDH ILLINOISCAPACITOR-687LMH350MZDH Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
687LMH350MZDH ILLINOISCAPACITOR-687LMH350MZDH Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
687LMH350MZEF ILLINOISCAPACITOR-687LMH350MZEF Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
687LMH350MZEF ILLINOISCAPACITOR-687LMH350MZEF Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 687LMH350M2EF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
logo
RFE international
VEU100M1ETR050057 RFE-VEU100M1ETR050057 Datasheet
88Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEU Series: Surface Mount Type,105C, Long Life
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
058059PLL-SI VISHAY-058059PLL-SI Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com