Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5627IPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5627IPW
Description  2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5627IPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5627IPW Datasheet HTML 2Page - Texas Instruments TLV5627IPW Datasheet HTML 3Page - Texas Instruments TLV5627IPW Datasheet HTML 4Page - Texas Instruments TLV5627IPW Datasheet HTML 5Page - Texas Instruments TLV5627IPW Datasheet HTML 6Page - Texas Instruments TLV5627IPW Datasheet HTML 7Page - Texas Instruments TLV5627IPW Datasheet HTML 8Page - Texas Instruments TLV5627IPW Datasheet HTML 9Page - Texas Instruments TLV5627IPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TLV5627C, TLV5627I
2.7V TO 5.5V 8BIT 4CHANNEL DIGITALTOANALOG CONVERTERS
WITH POWER DOWN
SLAS232A − JUNE1999 − REVISED JULY 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range
(unless otherwise noted) (continued)
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Output slew rate
CL = 100 pF, RL = 10 kΩ,
VO = 10% to 90%,
Fast
5
V/
µs
SR
Output slew rate
LL
VO = 10% to 90%,
Vref = 2.048 V, 1024 V
Slow
1
V/
µs
ts
Output settling time
To
± 0.1 LSB, CL = 100 pF,
Fast
2.5
4
s
ts
Output settling time
To
± 0.1 LSB, CL = 100 pF,
RL = 10 kΩ, See Notes 12 and 14
Slow
8.5
18
µs
ts(c)
Output settling time, code to code
To
± 0.1 LSB, CL = 100 pF,
Fast
1
s
ts(c)
Output settling time, code to code
To
± 0.1 LSB, CL = 100 pF,
RL = 10 kΩ, See Notes 13 and 14
Slow
2
µs
Glitch energy
Code transition from 7F0 to 800
10
nV-sec
SNR
Signal-to-noise ratio
Sinewave generated by DAC,
57
S/(N+D)
Signal to noise + distortion
Sinewave generated by DAC,
Reference voltage = 1.024 at 3 V and 2.048 at 5 V,
49
dB
THD
Total harmonic distortion
Reference voltage = 1.024 at 3 V and 2.048 at 5 V,
fs = 400 KSPS, fOUT = 1.1 kHz sinewave,
CL = 100 pF,
RL = 10 kΩ,
BW = 20 kHz
−50
dB
SFDR
Spurious free dynamic range
fs = 400 KSPS, fOUT = 1.1 kHz sinewave,
CL = 100 pF,
RL = 10 kΩ,
BW = 20 kHz
60
NOTES: 12. Settling time is the time for the output signal to remain within
± 0.1 LSB of the final measured value for a digital input code change
of 0x020 to 0xFF0 or 0xFF0 to 0x020.
13. Settling time is the time for the output signal to remain within
± 0.1 LSB of the final measured value for a digital input code change
of one count.
14. Limits are ensured by design and characterization, but are not production tested.
digital input timing requirements
MIN
NOM
MAX
UNIT
tsu(CS−FS)
Setup time, CS low before FS
10
ns
tsu(FS−CK)
Setup time, FS low before first negative SCLK edge
8
ns
tsu(C16−FS)
Setup time, sixteenth negative SCLK edge after FS low on which bit D0 is sampled before
rising edge of FS
10
ns
tsu(C16−CS)
Setup time. The first positive SCLK edge after D0 is sampled before CS rising edge. If FS
is used instead of the SCLK positive edge to update the DAC, then the setup time is between
the FS rising edge and CS rising edge.
10
ns
twH
Pulse duration, SCLK high
25
ns
twL
Pulse duration, SCLK low
25
ns
tsu(D)
Setup time, data ready before SCLK falling edge
8
ns
th(D)
Hold time, data held valid after SCLK falling edge
5
ns
twH(FS)
Pulse duration, FS high
20
ns


Similar Part No. - TLV5627IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5627IPW TI-TLV5627IPW Datasheet
258Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results

Similar Description - TLV5627IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV1571 TI-TLV1571_00 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571 TI1-TLV1571_14 Datasheet
629Kb / 34P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571 TI-TLV1571 Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI-TLV5623C Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com