Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MV942-3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MV942-3
Description  SOLID STATE LED LAMPS LCD BACKLIGHT ILLUMINATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MV942-3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MV942-3 Datasheet HTML 1Page - Fairchild Semiconductor MV942-3 Datasheet HTML 2Page - Fairchild Semiconductor MV942-3 Datasheet HTML 3Page - Fairchild Semiconductor MV942-3 Datasheet HTML 4Page - Fairchild Semiconductor MV942-3 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 of 5
7/31/00
30008
7A
60 - 120 sec
Preheating
+5° C/s MAX
-5° C/s MAX
120 - 150° C MAX
5 sec MAX
soldering time
240° C MAX
RECOMMENDED IR REFLOW SOLDERING PROFILE
SOLID STATE LED LAMPS
LCD BACKLIGHT ILLUMINATOR
YELLOW
MV942-3 Clear
GREEN
MV942-4 Clear
ORANGE
MV942-8 Clear
HER
MV942- 9 Clear


Similar Part No. - MV942-3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV9100 FAIRCHILD-MV9100 Datasheet
240Kb / 4P
   SUPER BRIGHT 10 mm LED LAMPS
MV9101 FAIRCHILD-MV9101 Datasheet
240Kb / 4P
   SUPER BRIGHT 10 mm LED LAMPS
MV9102 FAIRCHILD-MV9102 Datasheet
240Kb / 4P
   SUPER BRIGHT 10 mm LED LAMPS
logo
Zarlink Semiconductor I...
MV95308 ZARLINK-MV95308 Datasheet
286Kb / 9P
   30MHz 8-BIT CMOS VIDEO DAC
MV95308ADG ZARLINK-MV95308ADG Datasheet
286Kb / 9P
   30MHz 8-BIT CMOS VIDEO DAC
More results

Similar Description - MV942-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4302T ETC1-4302T Datasheet
44Kb / 1P
   SOLID STATE LED LAMPS
logo
Chicago Miniature Lamp,...
4300FLC CML-4300FLC Datasheet
64Kb / 1P
   T-1 Solid State LED Lamps
logo
Visual Communications C...
4300FLC VCC-4300FLC Datasheet
86Kb / 1P
   T-1 Solid State LED Lamps
logo
Kingbright Corporation
L174 KINGBRIGHT-L174 Datasheet
165Kb / 5P
   3.2mm ROUND SOLID STATE LED LAMPS
logo
Everlight Electronics C...
HLMP1790 EVERLIGHT-HLMP1790 Datasheet
258Kb / 4P
   SOLID STATE LAMPS
logo
Fairchild Semiconductor
MV5074C FAIRCHILD-MV5074C Datasheet
102Kb / 4P
   SOLID STATE LAMPS
logo
Visual Communications C...
4307T VCC-4307T Datasheet
80Kb / 1P
   Solid State LED Lamps-Sub Miniature 1.65mm
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
   T-1 (3mm) Solid State LED Lamps
logo
Chicago Miniature Lamp,...
4307T CML-4307T Datasheet
28Kb / 1P
   Solid State LED Lamps-Sub Miniature 1.65mm
logo
Kingbright Corporation
AM2520EJ KINGBRIGHT-AM2520EJ Datasheet
127Kb / 4P
   SUBMINIATURE SOLID STATE LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com