Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5130PTR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5130PTR
Description  TRIPLE SYNCHRONOUS BUCK CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5130PTR Datasheet(HTML) 5 Page - Texas Instruments

  TPS5130PTR Datasheet HTML 1Page - Texas Instruments TPS5130PTR Datasheet HTML 2Page - Texas Instruments TPS5130PTR Datasheet HTML 3Page - Texas Instruments TPS5130PTR Datasheet HTML 4Page - Texas Instruments TPS5130PTR Datasheet HTML 5Page - Texas Instruments TPS5130PTR Datasheet HTML 6Page - Texas Instruments TPS5130PTR Datasheet HTML 7Page - Texas Instruments TPS5130PTR Datasheet HTML 8Page - Texas Instruments TPS5130PTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TPS5130
SLVS426 − MAY 2002
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, V(VIN) = V(VIN_SENSE12) = V(VIN_SENSE3) = 12 V (unless otherwise noted)
Output Drivers
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUT_u sink current
V(OUTx_u) – V(LLx) = 3 V
1.2
A
OUT_u source current
V(LHx) − V(OUTx_u) = 3 V
−1.2
A
OUT_d sink current
V(OUTx_d) = 3 V
1.5
A
OUT_d source current
V(OUTx_d) = 2 V
−1.5
A
LDO_GATE sink current
V(LDO_GATE) = 2 V
2
mA
LDO_GATE source current
V(LDO_GATE) = 2 V
−1.4
mA
I(TRIPx)
TRIP current
TA = 25°C
11
13
15
µA
Soft Start
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(SS_STBYx)
Soft start current
V(SS_STBYx) = 0.7 V
−1.6
−2.3
−2.9
µA
Error Amplifier for LDO Controller
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V(LDO_IN) = 3.3 V, TA = 25 °C
2
10
mV
Open loop voltage gain
V(LDO_IN) = 3.3 V
50
dB
Unity-gain bandwidth
V(LDO_IN) = 3.3 V, CL = 2000 pF
1.4
MHz
Current Limit for LDO Controller
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current limit comparator threshold voltage
V(LDO_IN) = 3.3 V
40
50
60
mV
Overshoot Protection for LDO Controller
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDO_OUT sink current
V(LDO_OUT) = V(LDO_GATE) = 1.5 V
25
mA


Similar Part No. - TPS5130PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130PT TI-TPS5130PT Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
More results

Similar Description - TPS5130PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com